Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S70STKSS Datasheet(PDF) 5 Page - Ashcroft, Inc.

No. de pieza S70STKSS
Descripción Electrónicos  S70 Tube Skin Thermocouples
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASHCROFT [Ashcroft, Inc.]
Página de inicio  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S70STKSS Datasheet(HTML) 5 Page - Ashcroft, Inc.

  S70STKSS Datasheet HTML 1Page - Ashcroft, Inc. S70STKSS Datasheet HTML 2Page - Ashcroft, Inc. S70STKSS Datasheet HTML 3Page - Ashcroft, Inc. S70STKSS Datasheet HTML 4Page - Ashcroft, Inc. S70STKSS Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
HOW TO ORDER S70 TEMPERATURE PROBES:
The ordering code is built by selecting the appropriate
configuration for the various sections of the ordering code.
The Insert nominal length LN is measured from base of
the head to the tip of the probe.
The lag extension length N is measured for the base of the
head to the center of the threads on the lag extension.
The B dimension is from the center of the connection fitting
to the end of the expansion loop.
The A dimension is from the end of the expansion loop to the
tip of the probe.
LN = A + B + N + length of connection fitting
The B length and the LN length are added to the end of the
ordering code in millimeters.
To convert inches to millimeters multiply by 25.4.
mm = inches x 25.4
e = Stem Diameter
T = Lag Extension Length
LN = Nominal Length
B = Length to Expansion Loop
A = Length to Weld Pad
Expansion Loop
Data Sheet
S70 Tube Skin Thermocouples
of 5
4
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. S70_Thermo_ds_RevA_03-22-22
ashcroft.com
info@ashcroft.com
1.800.328.8258
of 5
5
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. S70_Thermo_ds_RevA_03-22-22
ashcroft.com
info@ashcroft.com
1.800.328.8258



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com