Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S2Y Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza S2Y
Descripción Electrónicos  2A, 1600V Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S2Y Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  S2Y Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S2Y Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S2Y Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S2Y Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd S2Y Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S2Y
Taiwan Semiconductor
2
Version: A2408
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-lead thermal resistance
RӨJL
12
°C/W
Junction-to-ambient thermal resistance
RӨJA
64
°C/W
Junction-to-case thermal resistance
RӨJC
13
°C/W
Thermal Performance Note: Units mounted on PCB (10mm x 10mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX UNIT
Forward voltage(1)
IF = 1A, TJ = 25°C
VF
0.94
-
V
IF = 2A, TJ = 25°C
1.02
1.1
V
IF = 1A, TJ = 125°C
0.83
-
V
IF = 2A, TJ = 125°C
0.94
-
V
Reverse current @ rated VR(2)
TJ = 25°C
IR
-
5
µA
TJ = 125°C
15
-
µA
Junction capacitance
1MHz, VR = 4.0V
CJ
8.6
-
pF
Notes:
1.
Pulse test with PW = 0.3ms
2.
Pulse test with PW = 30ms
ORDERING INFORMATION
ORDERING CODE
PACKAGE
PACKING
S2Y
DO-214AA (SMB)
3,000/ Tape & Reel



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com