| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC4517AEVB Datasheet(PDF) 4 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC4517AEVB Datasheet(HTML) 4 Page - Semtech Corporation |
|
4 / 15 page ![]() 2006 Semtech Corp. www.semtech.com POWER MANAGEMENT SC4517A 4 Marking Information Electrical Characteristics (Cont.) R E T E M A R A PL O B M Y SS N O I T I D N O CN I MP Y TX A MS T I N U e g a tl o V d l o h s e r h T t u p n I e l b a n EV H I 2V V L I 4 . 0V t n e r r u C s a i B t u p n I e l b a n EI L I 0 1 -A µ I H I d l o h s e r h t w o l e b V m 0 0 1 = N E7 5 1A µ e g a tl o V d l o h s e r h T C N Y S 5 . 1V y c n e u q e r F t u p n I C N Y S ) 3 ( 6 . 12 z H M e c n a t s i s e R n i P C N Y SV C N Y S V 5 . 0 =0 2k Ω AP50 yyww APAJ yyww Part Number Code (Example: AP50 = 5.0V (50) yyww = Date Code (Example: 0012) xxxx = Semtech Lot No. (Example: E901 xxxx 01-1) yyww = Date Code (Example: 0012) xxxx = Semtech Lot No. (Example: E901 xxxx 01-1) Voltage Options (MSOP) SC4517AIMSXX Adjustable Options (MSOP) SC4517AIMS SC 4517 yyww Adjustable Options (MLPD) SC4517AIML yyww = Date Code (Example: 0012) yyww XX 4517 Part Number Code (Example: XX = 5.0V (50) yyww = Date Code (Example: 0012) Voltage Options (MLPD) SC4517AIMLXX Unless specified: V IN = 12V, VCOMP = 0.8V, VBST = VIN + 5V, EN = Tied to VIN, SYNC = 0, SW = open. T A = TJ = -40°C to 125°C. Notes: (1) The device is not guaranteed to function outside of its operating condition. The required minimum input voltage for a regulated output depends on the output voltage and load condition. (2) Guaranteed by design. (3) For SYNC applications, please contact factory. |