| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BCR08AS-8 Datasheet(PDF) 2 Page - Powerex Power Semiconductors |
|
|
|||||||||||||||||||||||||||||
BCR08AS-8 Datasheet(HTML) 2 Page - Powerex Power Semiconductors |
|
2 / 5 page ![]() Feb.1999 Symbol IDRM VTM VFGT ! VRGT ! VRGT # VFGT # IFGT ! IRGT ! IRGT # IFGT # VGD Rth (j-a) (dv/dt)c Test conditions Tj=125 °C, VDRM applied Tc=25 °C, ITM=1.2A, Instantaneous measurement Tj=25 °C, VD=6V, RL=6Ω, RG=330Ω Tj=25 °C, VD=6V, RL=6Ω, RG=330Ω Tj=125 °C, VD=1/2VDRM Junction to case V4 Unit mA V V V V V mA mA mA mA V °C/W V/ µs Typ. — — — — — — — — — — — — — ! @ # $ ! @ # $ V2. Measurement using the gate trigger characteristics measurement circuit. V3. The critical-rate of rise of the off-state commutating voltage is shown in the table below. V4. Mounted on 25mm × 25mm × t0.7mm ceramic plate with solder. Test conditions Voltage class 8 VDRM (V) 400 Unit V/ µs Commutating voltage and current waveforms (inductive load) (dv/dt) c Min. 2 MITSUBISHI SEMICONDUCTOR 〈TRIAC〉 BCR08AS-8 LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE ELECTRICAL CHARACTERISTICS Parameter Repetitive peak off-state current On-state voltage Gate trigger voltage V2 Gate trigger current V2 Gate non-trigger voltage Thermal resistance Critical-rate of rise of off-state commutating voltage 1. Junction temperature Tj=125 °C 2. Rate of decay of on-state commutating current (di/dt)c=–0.4A/ms 3. Peak off-state voltage VD=400V Limits Min. — — — — — — — — — — 0.1 — V3 Max. 1.0 2.0 2.0 2.0 2.0 2.0 5 5 5 10 — 65 — 10–1 101 7 5 3 2 012 100 7 5 3 2 345 4 4 Tj = 125°C Tj = 25°C 100 23 5 7 101 4 2 23 5 7 102 44 6 8 10 0 MAXIMUM ON-STATE CHARACTERISTICS ON-STATE VOLTAGE (V) RATED SURGE ON-STATE CURRENT CONDUCTION TIME (CYCLES AT 60Hz) SUPPLY VOLTAGE TIME TIME TIME MAIN CURRENT MAIN VOLTAGE (di/dt)c VD (dv/dt)c PERFORMANCE CURVES |