| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC1404 Datasheet(PDF) 22 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1404 Datasheet(HTML) 22 Page - Semtech Corporation |
|
22 / 25 page ![]() 22 2004 Semtech Corp. www.semtech.com SC1404 PRELIMINARY POWER MANAGEMENT M E T IY T QN O I T A N G I S E DR E B M U N T R A PN O I T P I R C S E DR E R U T C A F U N A MM R O F R O T C A F 7 14 4 P J , 3 P J , 2 P J , 1 P Jg r e B n i P 2 r o t c e n n o C g r e B 8 13 7 J , 6 J , 1 Jk c a J a n a n a B ri a P 9 14 27 2 J- 8 J , 5 J- 2 Js t n i o P t s e T 0 21 1 L8 R 6 - 7 2 1 R Dr o t c u d n I T M S H u 8 . 6 s c i n o rt li o C 1 24 4 Q , 3 Q , 2 Q , 1 Q3 1 4 7 F R Il e n n a h c - N V 0 3 T E F S O M l a n o it a n r e t n I r e if it c e R 8 O S 2 21 1 Ry n Am h o 0 1y n A3 0 6 0 3 24 3 2 R , 2 2 R , 5 R , 4 Ry n Am h o 0y n A3 0 6 0 4 22 7 R , 6 R3 4 B F 5 0 0 R 2 1 5 2 L S Wm h o m 5e l a D y a h si V2 1 5 2 5 25 7 1 R , 5 1 R , 4 1 R , 3 1 R , 2 1 Ry n Am h o g e M 2y n A3 0 6 0 6 21 6 1 Ry n Am h o K 1y n A3 0 6 0 7 21 1 W Sn o it is o p - 5 h c ti w s p i D y n A 8 2 1 2 L / T5 1 2 8 -I T Tr e w o p s n a r T s e i g o l o n h c e T 9 21 1 US T I 4 0 4 1 C Sh c e t m e S Evaluation Board Bill of Materials Cont. |