Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC1104A Datasheet(PDF) 4 Page - Semtech Corporation

No. de pieza SC1104A
Descripción Electrónicos  Simple, Synchronous Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1104A Datasheet(HTML) 4 Page - Semtech Corporation

  SC1104A Datasheet HTML 1Page - Semtech Corporation SC1104A Datasheet HTML 2Page - Semtech Corporation SC1104A Datasheet HTML 3Page - Semtech Corporation SC1104A Datasheet HTML 4Page - Semtech Corporation SC1104A Datasheet HTML 5Page - Semtech Corporation SC1104A Datasheet HTML 6Page - Semtech Corporation SC1104A Datasheet HTML 7Page - Semtech Corporation SC1104A Datasheet HTML 8Page - Semtech Corporation SC1104A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1104A/B
Figure 2
Block Diagram
Figure 3
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
U
d
l
o
h
s
e
r
h
T
O
L
V
UV
h
t
T
<
0
4
-
J
C
°
5
8
<9
.
35
1
.
45
.
4V
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
t
n
i
o
P
p
ir
T
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O
)
2
(
T
P
T
O
0
4
10
6
1C
°
Unless specified: A: V
CC = 12 ± 0.6V, VBST = 23 ± 1V, VOUT = 3.3V, TJ = TA = 25
o
C. B: V
CC = 5 ± 0.25V, VBST = 12 ± 0.6V, VOUT = 2.0V, TJ = TA = 25
o
C
Notes:
(1) Guaranteed by design.
(2) Not tested, by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com