| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM263P4 Datasheet(PDF) 57 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 Datasheet(HTML) 57 Page - Texas Instruments |
|
57 / 164 page ![]() Table 5-44. EPWM22 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM22_A O EPWM Output A G17 G17 G17 EPWM22_B O EPWM Output B F17, G18 F17, G18 F17, G18 Table 5-45. EPWM23 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM23_A O EPWM Output A F18, G18 F18, G18 F18, G18 EPWM23_B O EPWM Output B E18, G15 E18, G15 E18, G15 Table 5-46. EPWM24 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM24_A O EPWM Output A K15 K15 K15 EPWM24_B O EPWM Output B K16 K16 K16 Table 5-47. EPWM25 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM25_A O EPWM Output A K17 K17 K17 EPWM25_B O EPWM Output B K18 K18 K18 Table 5-48. EPWM26 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM26_A O EPWM Output A J18 J18 J18 EPWM26_B O EPWM Output B J17 J17 J17 Table 5-49. EPWM27 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM27_A O EPWM Output A H18 H18 H18 EPWM27_B O EPWM Output B H17, L16 H17, L16 H17, L16 Table 5-50. EPWM28 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM28_A O EPWM Output A M16 M16 M16 EPWM28_B O EPWM Output B M15 M15 M15 Table 5-51. EPWM29 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM29_A O EPWM Output A G15, H17 G15, H17 G15, H17 EPWM29_B O EPWM Output B H16 H16 H16 Table 5-52. EPWM30 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM30_A O EPWM Output A F15 F15 F15 EPWM30_B O EPWM Output B C18 C18 C18 Table 5-53. EPWM31 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM31_A O EPWM Output A D17 D17 D17 EPWM31_B O EPWM Output B D18 D18 D18 www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 57 Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1 |