| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LS00 Datasheet(PDF) 1 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
74LS00 Datasheet(HTML) 1 Page - SYC Electronica |
|
1 / 5 page ![]() August 1986 Revised March 2000 Quad 2-Input NAND Gate General Description This device contains four independent gates each of which performs the logic NAND function. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = AB H = HIGH Logic Level L = LOW Logic Level Order Number Package Number Package Description DM74LS00M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow DM74LS00SJ M14D 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide DM74LS00N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Inputs Output AB Y LL H LH H HL H HH L 74LS00 www.sycelectronica.com.ar |
Número de pieza similar - 74LS00 |
|
Descripción similar - 74LS00 |