Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT4240 Datasheet(PDF) 2 Page - Catalyst Semiconductor

No. de pieza CAT4240
Descripción Electrónicos  6 Watt Boost LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4240 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT4240 Datasheet HTML 1Page - Catalyst Semiconductor CAT4240 Datasheet HTML 2Page - Catalyst Semiconductor CAT4240 Datasheet HTML 3Page - Catalyst Semiconductor CAT4240 Datasheet HTML 4Page - Catalyst Semiconductor CAT4240 Datasheet HTML 5Page - Catalyst Semiconductor CAT4240 Datasheet HTML 6Page - Catalyst Semiconductor CAT4240 Datasheet HTML 7Page - Catalyst Semiconductor CAT4240 Datasheet HTML 8Page - Catalyst Semiconductor CAT4240 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT4240
Doc. No. MD-5026 Rev. B
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
VIN, FB voltage
-0.3 to +7
V
SHDN
¯¯¯¯¯ voltage
-0.3 to +7
V
SW voltage
-0.3 to 60
V
Storage Temperature Range
-65 to +160
ºC
Junction Temperature Range
-40 to +150
ºC
Lead Temperature
300
ºC
RECOMMENDED OPERATING CONDITIONS
Typical application circuit with external components are shown on page 1.
Parameters
Range
Units
VIN
up to 5.5
V
SW pin voltage
0 to 38
V
Ambient Temperature Range
(1)
-40 to +85
ºC
DC ELECTRICAL CHARACTERISTICS
VIN = 3.6V, ambient temperature of 25ºC (over recommended operating conditions unless specified otherwise).
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
IQ
Operating Current
VFB = 0.2V
VFB = 0.4V (not switching)
0.6
0.1
1.5
0.6
mA
ISD
Shutdown Current
VSHDN
¯¯¯¯¯ = 0V
0.1
1
µA
VFB
FB Pin Voltage
6 LEDs with ILED = 75mA
285
300
315
mV
IFB
FB pin input leakage
1
µA
ILED
Programmed LED Current
R1 = 10Ω
R1 = 5Ω
28.5
30
60
31.5
mA
VIH
VIL
SHDN
¯¯¯¯¯ Logic High
SHDN
¯¯¯¯¯ Logic Low
Enable Threshold Level
Shutdown Threshold Level
0.4
0.8
0.7
1.5
V
V
FSW
Switching Frequency
0.8
1.0
1.3
MHz
DC
Maximum Duty Cycle
VIN = 3V
92
%
ILIM
Switch Current Limit
VIN = 3.6V
VIN = 5V
600
750
mA
RSW
Switch “On” Resistance
ISW = 100mA
1.0
2.0
ILEAK
Switch Leakage Current
Switch Off, VSW = 30V
2
5
µA
Thermal Shutdown
150
ºC
Thermal Hysteresis
20
ºC
VUVLO
Undervoltage Lockout (UVLO)
Threshold
1.9
V
VOV-SW
Overvoltage Detection Threshold
40
V
VOCL
Output Voltage Clamp
“Open LED”
42
V
Note:
(1) Thin SOT23-5 package thermal resistance
θJA = 135°C/W when mounted on board over a ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com