Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PI3VDP411LST Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

No. de pieza PI3VDP411LST
Descripción Electrónicos  Digital Video Level Shifter for dual mode DP signals w/ inverting buffer for HPD signal
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LST Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3VDP411LST Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
PS8906A
08/28/07
Table 1: Package Pinout
Pin Number
Pin Name
1
GND
2
VCC3V
3
OC_0
4
OC_1
5
GND
6
OC_2(REXT)
7
HPD_SOURCE#
8
SDA_SOURCE
9
SCL_SOURCE
10
OC_3
11
VCC3V
12
GND
13
OUT_D4+
14
OUT_D4-
15
VCC3V
16
OUIT_D3+
17
OUT_D3-
18
GND
19
OUT_D2+
20
OUT_D2-
21
VCC3V
22
OUT_D1+
23
OUT_D1-
24
GND
25
OE#
26
VCC3V
27
GND
28
SCL_SINK
29
SDA_SINK
30
HPD_SINK
31
GND
32
DDC_EN
33
VCC3V
34
EQ_0
35
EQ_1
36
GND
37
GND
38
IN_D1-
39
IN_D1+
40
VCC3V
41
IN_D2-
42
IN_D2+
PI3VDP411LST
Digital Video Level Shifter from AC coupled digital video input to a
DVI/HDMI transmitter w/ inverting buffer for HPD signal
Pin Number
Pin Name
43
GND
44
IN_D3-
45
IN_D3+
46
VCC3V
47
IN_D4-
48
IN_D4+
07-0191



Html Pages

1 2 3 4 5 6 7 8 9 10 11