| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PPC405GP-3BE200CZ Datasheet(PDF) 53 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GP-3BE200CZ Datasheet(HTML) 53 Page - Applied Micro Circuits Corporation |
|
53 / 59 page ![]() 405GP – Power PC 405GP Embedded Processor AMCC 53 Revision 2.03 – September 7, 2007 Data Sheet I/O Specifications—133 and 200MHz Notes: 1. The SDRAM command interface is configurable through SDRAM0_TR[LDF] to provide a 2 to 4 cycle delay before the command is used by SDRAM. 2. SDRAM I/O timings are specified relative to a MemClkOut terminated into a lumped 10pF load. 3. SDRAM interface hold times are guaranteed at the PPC405GP package pin. System designers must use the PPC405GP IBIS model (available from www.amcc.com) to ensure their clock distribution topology minimizes loading and reflections, and that the relative delays on clock wiring do not exceed the delays on other SDRAM signal wiring. 4. PerClk rising edge at package pin with a 10pF load trails the internal PLB clock by approximately 0.8ns. 5. I/O H is specified at 2.4 V and I/O L is specified at 0.4 V. Signal Input (ns) Output (ns) Output Current (mA) Clock Notes Setup Time (TIS min) Hold Time (TIH min) Valid Delay (TOV max) Hold Time (TOH min) I/O H (minimum) I/O L (minimum) SDRAM Interface BA1:0 na na 7.5 1 19 12 MemClkOut 1, 2 BankSel3:0 na na 6.2 1 19 12 MemClkOut 2 CAS na na 7.5 1 19 12 MemClkOut 1, 2 ClkEn0:1 na na 5.2 1 40 25 MemClkOut 2 DQM0:3 na na 6.1 1 19 12 MemClkOut 2 DQMCB na na 6.2 1 19 12 MemClkOut 2 ECC0:7 2 1 6.2 1 19 12 MemClkOut 2 MemAddr12:0 na na 7.6 1 19 12 MemClkOut 1, 2 MemData0:31 2 1 6.3 1 19 12 MemClkOut 2 RAS na na 7.5 1 19 12 MemClkOut 1, 2 WE na na 7.5 1 19 12 MemClkOut 1, 2 External Slave Peripheral Interface DMAAck0:3 na na 8 0 12 8 PerClk DMAReq0:3 5 1 na na na na PerClk EOT0:3/TC0:3 dc dc 8 0 12 8 PerClk PerAddr0:31 4 1 10 0 19 12 PerClk PerBLast 4 1 8 0 12 8 PerClk PerCS0 PerCS1:7[GPIO10:16] na na 8 0 12 8 PerClk PerData0:31 6 1 10 0 19 12 PerClk PerOE na na 8 0 12 8 PerClk PerPar0:3 4 1 10 0 19 12 PerClk PerR/W 4 1 8 0 12 8 PerClk PerReady 9 1 na na na na PerClk PerWBE0:3 3 1 8 0 12 8 PerClk External Master Peripheral Interface BusReq na na 8 0 12 8 PerClk ExtAck na na 7 0 12 8 PerClk ExtReq 5 1 na na na na PerClk ExtReset na na 8 0 19 12 PerClk HoldAck na na 8 0 12 8 PerClk HoldPri 4 1 nana nana PerClk HoldReq 5 1 na na na na PerClk PerClk na na 0.9 0.7 19 12 PLB Clk 4 PerErr 3 1 na na na na PerClk |