Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PPC440EP Datasheet(PDF) 24 Page - Applied Micro Circuits Corporation

No. de pieza PPC440EP
Descripción Electrónicos  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMCC [Applied Micro Circuits Corporation]
Página de inicio  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 24 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 28Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
24
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
[IIC1SClk]SCPClkOut
U24
IIC1 Peripheral
54
[IIC1SData]SCPDI
V25
[IRQ0]GPIO40
D03
Interrupts
56
[IRQ1]GPIO41
G04
[IRQ2]GPIO42
F02
[IRQ3]GPIO43
G02
[IRQ4]GPIO44[DMAAck1]
G25
[IRQ5][ModeCtrl]DMAReq1
AC12
[IRQ6]GPIO45[EOT1/TC1]
H23
[IRQ7]GPIO46[DMAReq0]
B24
[IRQ8]GPIO47[DMAAck0]
D18
[IRQ9]GPIO48[EOT0/TC0]
A19
[LeakTest]USB2LS1[HoldPri]
V24
System
57
MemAddr00
P01
DDR SDRAM
51
MemAddr01
P04
MemAddr02
T02
MemAddr03
T04
MemAddr04
U01
MemAddr05
V02
MemAddr06
U04
MemAddr07
W03
MemAddr08
Y02
MemAddr09
AB02
MemAddr10
R03
MemAddr11
AD01
MemAddr12
AD02
MemClkOut0
AF12
DDR SDRAM
51
MemClkOut0
AE13
Table 3. Signals Listed Alphabetically (Sheet 8 of 24)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84