Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PPC440SP-RNC667C Datasheet(PDF) 49 Page - Applied Micro Circuits Corporation

No. de pieza PPC440SP-RNC667C
Descripción Electrónicos  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMCC [Applied Micro Circuits Corporation]
Página de inicio  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC667C Datasheet(HTML) 49 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RNC667C Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 53Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
49
Data Sheet
J01
EMCRxErr
K01
PerAddr19
L01
PerAddr17
M01
VDD
J02
GND
K02
PerAddr20
L02
OVDD
M02
PCIX2Stop
J03
SysClk
K03
EMCTxD6
L03
PerAddr15
M03
PCIX2DevSel
J04
PerAddr00
K04
EMCTxD5
L04
PerAddr16
M04
PerAddr18
J05
VDD
K05
PerAddr02
L05
GND
M05
PerAddr09
J06
PerData7
K06
PerAddr01
L06
PerAddr04
M06
PerCS0
J07
GND
K07
PerAddr07
L07
OVDD
M07
PerAddr05
J08
PerData1
K08
PerAddr08
L08
PerAddr06
M08
PerAddr03
J09
VDD
K09
Reserved
L09
GND
M09
Reserved
J10
Reserved
K10
PerWE
L10
Reserved
M10
Reserved
J11
GND
K11
Reserved
L11
OVDD
M11
Reserved
J12
Reserved
K12
Reserved
L12
Reserved
M12
PSRO
J13
VDD
K13
Reserved
L13
GND
M13
Reserved
J14
Reserved
K14
OVDD
L14
Reserved
M14
Reserved
J15
PCIX1AD31
K15
OVDD
L15
Reserved
M15
Reserved
J16
VDD
K16
PCIX1AD29
L16
GND
M16
Reserved
J17
PCIX1VRef0
K17
PCIX1VRef1
L17
Reserved
M17
PSRO
J18
GND
K18
Halt
L18
P1VDD
M18
Reserved
J19
SysErr
K19
PCIX1Par
*
L19
PCIX1CalG0
M19
PCIX1AD38
J20
VDD
K20
PCIX1AD47
L20
GND
M20
PCIX1AD37
J21
PCIX1AD54
K21
PCIX1AD46
L21
PCIX1CalR0
M21
DM5
J22
GND
K22
PCIX1AD45
L22
P1VDD
M22
MemData42
J23
PCIX1AD53
K23
PCIX1Ack64
*
L23
PCIX1AD39
M23
MemData41
J24
VDD
K24
MemData45
L24
GND
M24
MemData46
J25
PCIX1AD49
K25
DQS4
L25
DQS5
M25
MemData31
J26
MemData32
K26
DQS4
L26
DQS5
M26
MemData28
J27
GND
K27
DM4
L27
P1VDD
M27
MemData27
J28
MemData37
K28
MemData33
L28
MemData34
M28
VDD
Table 4. Signals Listed by Ball Assignment (Sheet 3 of 7)
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85