Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

440SPE Datasheet(PDF) 19 Page - Applied Micro Circuits Corporation

No. de pieza 440SPE
Descripción Electrónicos  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMCC [Applied Micro Circuits Corporation]
Página de inicio  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SPE Datasheet(HTML) 19 Page - Applied Micro Circuits Corporation

Back Button 440SPE Datasheet HTML 15Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 16Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 17Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 18Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 19Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 20Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 21Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 22Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 23Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
19
Preliminary Data Sheet
EMCCD
H05
Ethernet
53
EMCCrS
D03
EMCGTxClk
J08
EMCMDClk
F03
EMCMDIO
B02
EMCRefClk
H07
EMCRxClk
B01
EMCRxD0
L06
EMCRxD1
J02
EMCRxD2
G03
EMCRxD3
H02
EMCRxD4
H03
EMCRxD5
L04
EMCRxD6
M07
EMCRxD7
F05
EMCRxDV
J06
EMCRxErr
F04
EMCTxClk
C02
EMCTxD0
C03
EMCTxD1
G06
EMCTxD2
J07
EMCTxD3
A05
EMCTxD4
E03
EMCTxD5
C05
EMCTxD6
E01
EMCTxD7
B10
EMCTxEn
C01
EMCTxErr
D02
ExtReset
B11
System
55
GND
A04
Power
56
GND
A10
GND
A17
GND
A23
GND
D01
Table 3. Signals Listed Alphabetically (Sheet 3 of 25)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80