Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM1107 Datasheet(PDF) 2 Page - Ramtron International Corporation

No. de pieza FM1107
Descripción Electrónicos  Nonvolatile 3V Dual State Saver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1107 Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM1107 Datasheet HTML 1Page - Ramtron International Corporation FM1107 Datasheet HTML 2Page - Ramtron International Corporation FM1107 Datasheet HTML 3Page - Ramtron International Corporation FM1107 Datasheet HTML 4Page - Ramtron International Corporation FM1107 Datasheet HTML 5Page - Ramtron International Corporation FM1107 Datasheet HTML 6Page - Ramtron International Corporation FM1107 Datasheet HTML 7Page - Ramtron International Corporation FM1107 Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FM1107 NV Dual State Saver
Rev. 1.2
Aug. 2007
Page 2 of 8
Block Diagram and Truth Table
INPUTS
EN
CLK
Dn
OUTPUT
Qn
H
↑
L
L
H
↑
H
H
H
H or L
X
Q0
L
X
X
Hi-Z
L
Low voltage level
H
High voltage level
X
Don’t Care
↑
CLK rising edge
Q0 Previous output state before CLK ↑
Pin Descriptions
Pin Name
I/O
Description
D0, D1
I
Data inputs
Q0, Q1
O
Data outputs
CLK
I
Clock: On a rising edge of CLK, the DN inputs are transferred to the QN outputs. While
CLK is high or low, the QN outputs do not change regardless of the state of the data
inputs. See truth table.
EN
I
Enable. This active-high input enables the device. When low, inputs are ignored and
updates to the nonvolatile cells are prevented. When high, the device operates
normally. Do not tie this pin to VDD.
VDD
Supply
Power Supply (2.7V to 3.6V)
VSS
Supply
Ground
NV
State
Saver
CLK
DN
QN
EN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com