Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HD66789 Datasheet(PDF) 9 Page - Renesas Technology Corp

No. de pieza HD66789
Descripción Electrónicos  528-channel, One-chip Driver for Amorphous TFT Panels with 262,144-color display RAM, Power Supply Circuit, and Gate Circuit
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD66789 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD66789 Datasheet HTML 5Page - Renesas Technology Corp HD66789 Datasheet HTML 6Page - Renesas Technology Corp HD66789 Datasheet HTML 7Page - Renesas Technology Corp HD66789 Datasheet HTML 8Page - Renesas Technology Corp HD66789 Datasheet HTML 9Page - Renesas Technology Corp HD66789 Datasheet HTML 10Page - Renesas Technology Corp HD66789 Datasheet HTML 11Page - Renesas Technology Corp HD66789 Datasheet HTML 12Page - Renesas Technology Corp HD66789 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 156 page
background image
HD66789
Preliminary
Rev.0.12, May 09 2003, page 9 of 156
Signals
Number
of Pins
I/O
Connected
to
Functions
RS
1
I
MPU
Select register.
Low: Index/status, High: Control
Fix to the “IOVcc” or “GND” level while using SPI.
WR*/SCL
1
I
MPU
In 80-system bus interface mode, serves as a write strobe signal.
Data are written at “Low” level.
In Serial Peripheral Interface mode, serves as synchronizing
clock signal.
RD*
1
I
MPU
In 80-system bus interface mode, serves as read-strobe signal.
Data are read at the low level of the signal.
Fix to the “IOVcc” or “GND” level while using SPI.
DB0/SDI
1
I/O
MPU
18-bit parallel bi-directional data bus.
8-bit bus: DB17-DB10
9-bit bus: DB17-DB9
16-bit bus: DB17-DB10 and DB8-DB1
18-bit bus: DB17-DB0
Unused pins must be fixed to the IOVcc or GND level.
Serves as serial data input pin (SDI) in Serial Peripheral
Interface mode, where data are input on the rising edge of SCL
signal.
DB1/SDO
1
I/O
MPU
18-bit parallel bi-directional data bus.
8-bit bus: DB17-DB10
9-bit bus: DB17-DB9
16-bit bus: DB17-DB10 and DB8-DB1
18-bit bus: DB17-DB0
Unused pins must be fixed to the IOVcc or GND level.
Serves as serial data output pin (SDO) in Serial Peripheral
Interface mode, where data are output on the falling edge of the
SCL signal.
DB2~DB17
16
I/O
MPU
18-bit parallel bi-directional data bus.
8-bit bus: DB17-DB10
9-bit bus: DB17-DB9
16-bit bus: DB17-DB10 and DB8-DB1
18-bit bus: DB17-DB0
Unused pins must be fixed to the IOVcc or GND level.
ENABLE
1
I
MPU
Indicate whether RAM data are valid or not when RGB interface
is used.
Low: Selected (access enabled)
High: Not selected (access disabled)
Must be fixed to the IOVcc or GND level when not used.
ENABLE signal invert the polarity according to the setting of EPL
resister.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com