| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM67 Datasheet(PDF) 77 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM67 Datasheet(HTML) 77 Page - Texas Instruments |
|
77 / 237 page ![]() Table 5-71. WKUP_TIMER Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] WKUP_TIMER_IO1 IO Timer Inputs and Outputs (not tied to single timer instance) C12, C3 5.3.26 UART 5.3.26.1 MAIN Domain Table 5-72. UART0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] UART0_CTSn I UART Clear to Send (active low) E22 UART0_RTSn O UART Request to Send (active low) B21 UART0_RXD I UART Receive Data F19 UART0_TXD O UART Transmit Data F20 Table 5-73. UART1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] UART1_CTSn I UART Clear to Send (active low) A25 UART1_DCDn I UART Clear to Send (active low) D23 UART1_DSRn I UART Data Set Ready (active low) B22 UART1_DTRn O UART Data Terminal Ready (active low) D22 UART1_RIn I UART Ring Indicator C22 UART1_RTSn O UART Request to Send (active low) A26 UART1_RXD I UART Receive Data C24, C27 UART1_TXD O UART Transmit Data A22, F24 Table 5-74. UART2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] UART2_CTSn I UART Clear to Send (active low) AC26, H23, V22 UART2_RTSn IO UART Request to Send (active low) AB23, H20, V23 UART2_RXD I UART Receive Data E22, H25, U27, W27 UART2_TXD IO UART Transmit Data B21, J23, U26, W25 Table 5-75. UART3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] UART3_CTSn I UART Clear to Send (active low) A24, AC27 UART3_RTSn I UART Request to Send (active low) AB24, B24 UART3_RXD I UART Receive Data H24, V27, W24 UART3_TXD IO UART Transmit Data H22, V25, W23 Table 5-76. UART4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] UART4_CTSn I UART Clear to Send (active low) AB27 UART4_RTSn O UART Request to Send (active low) AB26 UART4_RXD I UART Receive Data F26, P22, V26, W22 www.ti.com AM67, AM67A SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 77 Product Folder Links: AM67 AM67A |