Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RST2016HC Datasheet(PDF) 2 Page - Rakon Limited

No. de pieza RST2016HC
Descripción Electrónicos  High Temperature SMD TCXO/VCTCXO | Automotive and Communications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAKON [Rakon Limited]
Página de inicio  https://www.rakon.com/
Logo RAKON - Rakon Limited

RST2016HC Datasheet(HTML) 2 Page - Rakon Limited

  RST2016HC Datasheet HTML 1Page - Rakon Limited RST2016HC Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Temperature SMD TCXO/VCTCXO | Automotive and Communications
Issue: B, 7 November 2024
Specifications are subject to change without notice
Copyright © 2022 to 2024 Rakon Limited. All rights reserved
Page 2 of 2
Contact Us
Model Outline and Recommended Pad Layout
Test Circuit
NOTE: Dimensions are in millimetre.
CMOS OUTPUT:
Pin
Connections
1*
NC or Tri-state (see table below)
2
GND
3*
Output (see table below)
4
Supply voltage (VDD)
Pin 1
Pin 3
High
Output
Floating
Output
Low
High-Impedance



Html Pages

1 2