Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STO-1920305-R-E1 Datasheet(PDF) 1 Page - Eravant

No. de pieza STO-1920305-R-E1
Descripción Electrónicos  WR-19 VNA Frequency Extender, Receiver (Rx) Module, 10 to 15 GHz Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ERAVANT [Eravant]
Página de inicio  https://www.eravant.com/
Logo ERAVANT - Eravant

STO-1920305-R-E1 Datasheet(HTML) 1 Page - Eravant

  STO-1920305-R-E1 Datasheet HTML 1Page - Eravant STO-1920305-R-E1 Datasheet HTML 2Page - Eravant STO-1920305-R-E1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STO-1920305-R-E1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
1/3
Advanced Rev 1.0
WR-19 VNA Frequency Extender, Receiver (Rx) Module,
10 to 15 GHz Input
STO-1920305-R-E1 is a compact coaxial vector network analyzer (VNA)
frequency extender receiver (RX) module that extends lower frequency
VNA signals to 40 to 60 GHz. It is compatible with modern vector
network analyzers such as Rohde & Schwarz ZNA, Anritsu VectorStar
™,
Keysight PNA-X Series, and Copper Mountain CobaltFx. The VNA needs
dual sources to be extended. This frequency extender can be used to
measure one-path transmission (S21 or S12) through DUT when paired
with compatible transmitter. When Rx module is paired with Tx/Rx
module, the setup can be used to measure reflection at input of DUT and
transmission through DUT. An AC to DC Power adapter is included. The
Eravant calibration kit (STQ-TO-19-S1-CKIT1) and Wave-Glide
™ Rail
System (STQ-TL-RW-S10-M1) are highly recommended to complete the
coaxial VNA test set. VNA extender is packaged individually in a rugged
equipment box with additional hardware and tools.
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
40 GHz
60 GHz
Test Port Input Power (Damage)*
+20 dBm
Dynamic Range** @ 10 Hz BW
100 dB
120 dB
Test Port Match
10 dB
LO Source Input Frequency (RF
±IF)
10 GHz
15 GHz
LO Source Input Power
-6 dBm
-3 dBm
0 dBm
IF Frequency Range
10 MHz
1000 MHz
Multiplication Factor
4
Specification Temperature
+20°C
+30°C
Operating Temperature
0°C
+50°C
ECCN
EAR99
FEATURES
•
Full Band Coverage
•
Dynamic Range of 120 dB
•
AC Power Input: 100 to 240 VAC
APPLICATIONS
•
VNA Frequency Extension
•
OTA Measurements
•
Test Lab Instrumentation
Recommended Pairing
•
Cal Kit: STQ-TO-19-S1-CKIT1
•
Waveguide-Glide
™ Rail System
•
Cable: SCW-SMSM040-F1-A-PM
Recommended Pairing
•
VNA Extender Configuration Guide
•
VNA Extenders and Cal Kits
*Max input power is specified when attenuation level is minimum.
Increasing attenuation level will increase power handling.
**Measured with compatible Tx/Ref or Tx/Rx module.


Número de pieza similar - STO-1920305-R-E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eravant
STO-1920305-T-E1 ERAVANT-STO-1920305-T-E1 Datasheet
364Kb / 3P
WR-19 VNA Frequency Extender, Transmit (Tx/Ref) Module, 10 to 15 GHz Input
Rev 1.0
More results

Descripción similar - STO-1920305-R-E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC-XDB112 HITTITE-HMC-XDB112 Datasheet
157Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 10 - 15 GHz INPUT
HMC-XDB112 HITTITE-HMC-XDB112_09 Datasheet
156Kb / 4P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 10 - 15 GHz INPUT
logo
Pasternack Enterprises,...
PE9817 PASTERNACK-PE9817 Datasheet
282Kb / 2P
WR-75 to N Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PE9819 PASTERNACK-PE9819 Datasheet
277Kb / 2P
WR-75 to SMA Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PEM002 PASTERNACK-PEM002 Datasheet
377Kb / 18P
60 GHz Receiver Rx Waveguide Module
PEM002-MIM PASTERNACK-PEM002-MIM Datasheet
306Kb / 18P
60 GHz Receiver (Rx) Waveguide Module
PEWAD5013 PASTERNACK-PEWAD5013 Datasheet
438Kb / 4P
WR-75 Waveguide Bulkhead Adapter Square Cover Flange, 10 GHz to 15 GHz
logo
Custom MMIC Design Serv...
CMD227C3 MMIC-CMD227C3 Datasheet
202Kb / 8P
Frequency Doubler, 8-15 GHz Input
CMD227 MMIC-CMD227 Datasheet
193Kb / 8P
Passive Frequency Doubler, 8-15 GHz Input
logo
Qorvo, Inc
CMD227C3 QORVO-CMD227C3 Datasheet
197Kb / 8P
Frequency Doubler, 8-15 GHz Input
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com