Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP1643-I/MS Datasheet(PDF) 10 Page - Microchip Technology

No. de pieza MCP1643-I/MS
Descripción Electrónicos  1 MHz Low Start-up Voltage Synchronous Boost LED Constant Current Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643-I/MS Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1643-I/MS Datasheet HTML 6Page - Microchip Technology MCP1643-I/MS Datasheet HTML 7Page - Microchip Technology MCP1643-I/MS Datasheet HTML 8Page - Microchip Technology MCP1643-I/MS Datasheet HTML 9Page - Microchip Technology MCP1643-I/MS Datasheet HTML 10Page - Microchip Technology MCP1643-I/MS Datasheet HTML 11Page - Microchip Technology MCP1643-I/MS Datasheet HTML 12Page - Microchip Technology MCP1643-I/MS Datasheet HTML 13Page - Microchip Technology MCP1643-I/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MCP1643
DS20005208B-page 10
 2013-2023 Microchip Technology Inc. and its subsidiaries
4.2.1
LOW-VOLTAGE START-UP
The MCP1643 LED Constant Current Driver is capable
of starting from a low-input voltage. Start-up voltage is
typically 0.65V for a 25 mA LED load.
For applications in which the device turns on and off
fast, the start-up voltage is lower than 0.65V, because
the output capacitor remains partially charged. After
start-up, the device operates down to 0.5V input.
There is no Undervoltage-Lockout feature for the
MCP1643 LED Constant Current Driver. The device
will start up at the lowest possible voltage and run down
to the lowest possible voltage.
When enabled, the internal start-up logic turns the
rectifying P-Channel switch on until the output
capacitor is charged to a value close to the input
voltage. The rectifying switch is current limited during
this time. After charging the output capacitor to the
input voltage, the device starts switching in open loop,
because the LED is turned off and the feedback input
voltage is zero. Once VOUT is equal to the minimum for-
ward voltage (VF) of the LED, the device enters in close
loop and regulates the voltage across the RSET resis-
tor, which is connected between VFB pin and GND.
4.2.2
PWM MODE OPERATION
The MCP1643 LED Constant Current Driver operates
as a fixed frequency, synchronous boost converter. The
switching frequency is internally maintained with a pre-
cision oscillator typically set to 1 MHz. Because the
LEDs require high currents, the device will work in
PWM Continuous mode. At very low LED currents, the
MCP1643 might run in PWM Discontinuous mode. As
it features an anti-ringing control, the switching noise is
low. The P-Channel switch acts as a synchronous rec-
tifier, by turning off to prevent reverse current flow from
the output cap back to the input in order to keep effi-
ciency high.
Lossless current sensing converts the peak current sig-
nal to a voltage to sum with the internal slope compen-
sation. This summed signal is compared to the voltage
error amplifier output to provide a peak current control
command
for
the
PWM
signal.
The
slope
compensation is adaptive to the input and output
voltage. Therefore, the converter provides the proper
amount of slope compensation to ensure stability, but is
not excessive, which causes a loss of phase margin.
The peak current limit is set to 1.6 A typical.
4.2.3
ADJUSTABLE OUTPUT LED
CURRENT
The MCP1643 LED’s current is adjustable with an
external resistor, called RSET, connected to VFB pin and
GND.
The device regulates the voltage on the RSET and pro-
vides a constant current trough LED while VIN  VOUT
(minus a 300 mV– 400 mV headroom in case of low
LED currents) (see Figures 2-1 and 2-2).
The internal VREF voltage is 120 mV. There are limits
applied when the RSET value is calculated over the
input voltages (see Typical Applications).
4.2.4
ENABLE
The enable pin is used to turn the boost converter on
and off. The enable threshold voltage varies with input
voltage. To enable the boost converter, the EN voltage
level must be greater than 75% of the VIN voltage. To
disable the boost converter, the EN voltage must be
less than 20% of the VIN voltage.
4.2.4.1
True Output Disconnect
The MCP1643 device incorporates a true output
disconnect feature. With the EN pin pulled low, the
output of the MCP1643 is isolated or disconnected
from the input by turning off the integrated P-Channel
switch and removing the switch bulk diode connection.
This removes the DC path, typical in boost converters,
which allows the output to be disconnected from the
input. During this mode, 1.2 µA (typical) of current is
consumed from the input (battery). True output discon-
nect does not discharge the output; this allows a faster
start-up in dimming or load step applications.
4.2.4.2
PWM Dimming
The MCP1643 allows dimming by turning the LED on
and off with a variable duty cycle PWM signal applied
to the EN pin. The maximum frequency for dimming is
limited by the internal soft-start of 240 µs (typical). By
varying the duty cycle of the PWM signal applied on EN
input, the LED current is changing linearly (see
Figure 2-8).
4.2.5
INTERNAL BIAS
The MCP1643 LED Constant Current Driver gets its
start-up bias from VIN. Once the output exceeds the
input, bias comes from the output. Therefore, once
started, the operation is completely independent of VIN.
The operation is only limited by the output power level
and the input source series resistance. Once started,
the output will remain in regulation, down to 0.5V typi-
cal with 25 mA LED current for low-source impedance
inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28