| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMC431LPF Datasheet(PDF) 8 Page - ADDtek Corp |
|
|
|||||||||||||||||||||||||||||
AMC431LPF Datasheet(HTML) 8 Page - ADDtek Corp |
|
8 / 10 page ![]() AMC431 Copyright © 2006 ADDtek Corp. 8 DD021_G -- JUNE 2006 Note: For TO-92 in taping, refer to TO-92 package and taping dimension data for lead dimensions. PACKAGE 3-Pin Plastic TO-92 INCHES MILLIMETERS MIN TYP MAX MIN TYP MAX A 0.175 0.180 0.205 4.45 4.57 5.21 B 0.170 0.180 0.210 4.32 4.57 5.33 C 0.125 0.142 0.165 3.18 3.62 4.19 F - 0.015 - - 0.38 - G - 0.050 - - 1.27 - J - 0.150 - - 3.81 - K 0.500 0.580 - 12.70 14.73 - M - 5º - - 5º - N - 5º - - 5º - 3-Pin Plastic TO-92 Package and Taping Dimensions INCHES MILLIMETERS MIN TYP MAX MIN TYP MAX C 0.079 - - 2.00 - - P 0.480 0.500 0.520 12.2 12.7 13.2 Po 0.488 0.500 0.512 12.4 12.7 13.0 Do 0.150 0.157 0.165 3.8 4.0 4.2 P1 0.230 0.250 0.256 5.85 6.35 6.85 Fo 0.165 0.197 0.220 4.2 5.0 5.6 W 0.669 0.709 0.748 17.0 18.0 19.0 Ho 0.610 0.630 0.649 15.5 16.0 16.5 Wo 0.224 0.236 0.248 5.7 6.0 6.3 W1 0.335 0.354 0.374 8.5 9.0 9.5 Po C F1 Fo Do Wo W1 P1 P Ho W A B K F G N C M |