Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

B-LVDS7-WSVGA Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza B-LVDS7-WSVGA
Descripción Electrónicos  7-inch WSVGA TFT LCD module with LVDS interface and capacitive touchscreen
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B-LVDS7-WSVGA Datasheet(HTML) 2 Page - STMicroelectronics

  B-LVDS7-WSVGA Datasheet HTML 1Page - STMicroelectronics B-LVDS7-WSVGA Datasheet HTML 2Page - STMicroelectronics B-LVDS7-WSVGA Datasheet HTML 3Page - STMicroelectronics B-LVDS7-WSVGA Datasheet HTML 4Page - STMicroelectronics B-LVDS7-WSVGA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
Ordering information
To order the B-LVDS7-WSVGA display module, refer to Table 1. Additional information is available from the
datasheet and reference manual of the target STM32.
Table 1. List of available products
Order code
Target STM32 boards
B-LVDS7-WSVGA
STM32 boards featuring a 40
‑pin LVDS display connector, such as STM32MP257F-EV1
Evaluation board and STM32MP257F-DK Discovery kit
The STM32 Discovery kits and Evaluation boards feature STM32 microprocessors based on the Arm® Cortex®
processor.
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
1.1
Product marking
The stickers located on the top or bottom side of all PCBs provide product information:
•
First sticker: product order code and product identification, generally placed on the main board featuring
the target device.
Example:
Product order code
Product identification
•
Second sticker: board reference with revision and serial number, available on each PCB.
Example:
MBxxxx-Variant-yzz
syywwxxxxx
On the first sticker, the first line provides the product order code, and the second line the product identification.
On the second sticker, the first line has the following format: “MBxxxx-Variant-yzz”, where “MBxxxx” is the board
reference, “Variant” (optional) identifies the mounting variant when several exist, “y” is the PCB revision, and “zz”
is the assembly revision, for example B01. The second line shows the board serial number used for traceability.
Parts marked as “ES” or “E” are not yet qualified and therefore not approved for use in production. ST is not
responsible for any consequences resulting from such use. In no event will ST be liable for the customer using
any of these engineering samples in production. ST’s Quality department must be contacted prior to any decision
to use these engineering samples to run a qualification activity.
“ES” or “E” marking examples of location:
•
On the targeted STM32 that is soldered on the board (for an illustration of STM32 marking, refer to the
STM32 datasheet Package information paragraph at the www.st.com website).
•
Next to the evaluation tool ordering part number that is stuck, or silk-screen printed on the board.
Some boards feature a specific STM32 device version, which allows the operation of any bundled commercial
stack/library available. This STM32 device shows a “U” marking option at the end of the standard part number
and is not available for sales.
To use the same commercial stack in their applications, the developers might need to purchase a part number
specific to this stack/library. The price of those part numbers includes the stack/library royalties.
B-LVDS7-WSVGA
Ordering information
DB5283 - Rev 1
page 2/5



Html Pages

1 2 3 4 5