Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5323K034B Datasheet(PDF) 25 Page - RICOH electronics devices division

No. de pieza R5323K034B
Descripción Electrónicos  150mA 2ch LDO REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICOH [RICOH electronics devices division]
Página de inicio  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5323K034B Datasheet(HTML) 25 Page - RICOH electronics devices division

Back Button R5323K034B Datasheet HTML 21Page - RICOH electronics devices division R5323K034B Datasheet HTML 22Page - RICOH electronics devices division R5323K034B Datasheet HTML 23Page - RICOH electronics devices division R5323K034B Datasheet HTML 24Page - RICOH electronics devices division R5323K034B Datasheet HTML 25Page - RICOH electronics devices division R5323K034B Datasheet HTML 26Page - RICOH electronics devices division R5323K034B Datasheet HTML 27Page - RICOH electronics devices division R5323K034B Datasheet HTML 28Page - RICOH electronics devices division R5323K034B Datasheet HTML 29Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
PACKAGE INFORMATION
PE-PLP1820-6-0611
POWER DISSIPATION (PLP1820-6)
This specification is at mounted on board. Power Dissipation (PD) depends on conditions of mounting on board.
This specification is based on the measurement at the condition below:
Measurement Conditions
Standard Land Pattern
Environment
Mounting on Board (Wind velocity=0m/s)
Board Material
Glass cloth epoxy plactic (Double sided)
Board Dimensions
40mm
× 40mm × 1.6mm
Copper Ratio
Top side : Approx. 50% , Back side : Approx. 50%
Through-hole
φ0.54mm × 30pcs
Measurement Result
(Topt=25
°C,Tjmax=125°C)
Standard Land Pattern
Power Dissipation
880mW
Thermal Resistance
θja=(125−25°C)/0.88W=114°C/W
0
50
100
25
75 85
125
150
Ambient Temperature (
°C)
0
400
200
600
800
880
1000
On Board
1200
40
Power Dissipation
Measurement Board Pattern
IC Mount Area Unit : mm
RECOMMENDED LAND PATTERN
1.60
0.35
0.25
0.5 0.5
(Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com