Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCIP Datasheet(PDF) 4 Page - Amkor Technology

No. de pieza FCIP
Descripción Electrónicos  Demand for flip chip interconnect technology is being driven by a number of factors from all corners of the silicon industry.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMKOR [Amkor Technology]
Página de inicio  http://www.amkor.com
Logo AMKOR - Amkor Technology

FCIP Datasheet(HTML) 4 Page - Amkor Technology

  FCIP Datasheet HTML 1Page - Amkor Technology FCIP Datasheet HTML 2Page - Amkor Technology FCIP Datasheet HTML 3Page - Amkor Technology FCIP Datasheet HTML 4Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such
information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of
whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not
in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor
reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are
registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies.
© 2021 Amkor Technology, Incorporated. All Rights Reserved. TS102P-EN Rev Date: 02/21
Visit amkor.com or email sales@amkor.com for more information.
Flip Chip SiP (Cont.)
The devices in this application space have low to
medium I/O count and are fairly small in size. This, in
conjunction with the solder mask being removed from
underneath the die (which increases the standoff),
makes these products viable candidates for transfer
molding applications. Thus, the underfill operation
can be eliminated from the process flow which leads
to significant cost savings. Studies have shown that
transfer molded packages are more reliable (MSL as
well as extended reliability testing such as temperature
cycling, HAST, etc.) than their underfilled counterparts
due to balanced die stresses and better solder CTE
matching.
Copper pillar or solder bump for GaAs and Si
applications in LGA or BGA format
Wafer Level Packaging – CSPnl
CSPnl is a true wafer level package to address improved
second-level board reliability, that incorporates a thin
film redistribution process to route the pads to JEDEC
standard pitches. Standard CSP solder bumps are
formed on the re-routed pads. The CSPnl is designed
to utilize standard surface mount assembly and
reflow techniques. By using standard SMT placement
equipment, and avoiding the need for underfill, the end
user experiences many of the cost benefits associated
with other JEDEC standard area array packages.
Features
f
Incorporates standard JEDEC pitches and CSP solder
ball diameters
f
Compatible with standard SMT assembly and test
techniques
f
Utilizes cost-effective thin film redistribution
technologies
f
Backside laser mark compatible
f
No need for underfill in most applications
f
Full turnkey CSPnl processing including test and tape
& reel support
f
Eutectic lead-free solder balls
f
Available with polyimide repassivation
f
Qualified and in volume production
f
Proven reliability; exceeds all current handset
mechanical reliability tests including drop, bend and
key punch



Html Pages

1 2 3 4