Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

03C8T6 Datasheet(PDF) 18 Page - STMicroelectronics

No. de pieza 03C8T6
Descripción Electrónicos  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

03C8T6 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button 03C8T6 Datasheet HTML 14Page - STMicroelectronics 03C8T6 Datasheet HTML 15Page - STMicroelectronics 03C8T6 Datasheet HTML 16Page - STMicroelectronics 03C8T6 Datasheet HTML 17Page - STMicroelectronics 03C8T6 Datasheet HTML 18Page - STMicroelectronics 03C8T6 Datasheet HTML 19Page - STMicroelectronics 03C8T6 Datasheet HTML 20Page - STMicroelectronics 03C8T6 Datasheet HTML 21Page - STMicroelectronics 03C8T6 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
Pin descriptions
STM32F103xx
18/67
Table 3.
Pin definitions
Pins
Pin name
Main function(3)
(after reset)
Default alternate functions
A3
-
-
1
PE2/TRACECK
I/O
FT
PE2
TRACECK
B3
-
-
2
PE3/TRACED0
I/O
FT
PE3
TRACED0
C3
-
-
3
PE4/TRACED1
I/O
FT
PE4
TRACED1
D3
-
-
4
PE5/TRACED2
I/O
FT
PE5
TRACED2
E3
-
-
5
PE6/TRACED3
I/O
FT
PE6
TRACED3
B2
1
1
6
VBAT
SVBAT
A2
2
2
7
PC13-ANTI_TAMP(4)
I/O
PC13
ANTI_TAMP
A1
3
3
8
PC14-OSC32_IN(4)
I/O
PC14-OSC32_IN
B1
4
4
9
PC15-OSC32_OUT(4)
I/O
PC15-OSC32_OUT
C2
-
-
10
VSS_5
SVSS_5
D2
-
-
11
VDD_5
SVDD_5
C1
5
5
12
OSC_IN
I
OSC_IN
D1
6
6
13
OSC_OUT
O
OSC_OUT
E1
7
7
14
NRST
I/O
NRST
F1
-
8
15
PC0/ADC_IN10
I/O
PC0
ADC_IN10
F2
-
9
16
PC1/ADC_IN11
I/O
PC1
ADC_IN11
E2
-
10
17
PC2/ADC_IN12
I/O
PC2
ADC_IN12
F3
-
11
18
PC3/ADC_IN13
I/O
PC3
ADC_IN13
G1
8
12
19
VSSA
SVSSA
H1
-
-
20
VREF-
SVREF-
J1
-
-
21
VREF+
SVREF+
K1
9
13
22
VDDA
SVDDA
G2
10
14
23
PA0-WKUP/
USART2_CTS/
ADC_IN0/TIM2_CH1_ETR
I/O
PA0
WKUP/USART2_CTS(6)/AD
C_IN0/
TIM2_CH1_ETR(6)
H2
11
15
24
PA1/USART2_RTS/
ADC_IN1/TIM2_CH2
I/O
PA1
USART2_RTS(6)/
ADC_IN1/
TIM2_CH2(6)
J2
12
16
25
PA2/USART2_TX/
ADC_IN2/ TIM2_CH3
I/O
PA2
USART2_TX(6)/
ADC_IN2/ TIM2_CH3(6)
K2
13
17
26
PA3/USART2_RX/
ADC_IN3/TIM2_CH4
I/O
PA3
USART2_RX(6)/
ADC_IN3/TIM2_CH4(6)
E4
-
18
27
VSS_4
SVSS_4
F4
-
19
28
VDD_4
SVDD_4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67