Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST36VF1602 Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

No. de pieza SST36VF1602
Descripción Electrónicos  16 Megabit Concurrent SuperFlash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST36VF1602 Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST36VF1602 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
© 2000 Silicon Storage Technology, Inc.
16 Megabit Concurrent SuperFlash
SST36VF1601 / SST36VF1602
Advance Information
S71142
373-3 11/00
TABLE 5: CFI QUERY IDENTIFICATION STRING1
Address
Data
Data
10H
0051H
11H
0052H
Query Unique ASCII string “QRY”
12H
0059H
13H
0001H
Primary OEM command set
14H
0007H
15H
0000H
Address for Primary Extended Table
16H
0000H
17H
0000H
Alternate OEM command set (00H = none exists)
18H
0000H
19H
0000H
Address for Alternate OEM extended Table (00H = none exits)
1AH
0000H
Note 1: Refer to CFI publication 100 for more details.
373 PGM T5.0
TABLE 6: SYSTEM INTERFACE INFORMATION
Address
Data
Data
1BH
0027H
VDD Min. (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1CH
0036H
VDD Max. (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1DH
0000H
VPP min. (00H = no VPP pin)
1EH
0000H
VPP max. (00H = no VPP pin)
1FH
0004H
Typical time out for Word-Program 2N µs (24 = 16 µs)
20H
0000H
Typical time out for min. size buffer program 2N µs (00H = not supported)
21H
0004H
Typical time out for individual Sector/Block-Erase 2N ms (24 = 16 ms)
22H
0006H
Typical time out for Chip-Erase 2N ms (26 = 64 ms)
23H
0001H
Maximum time out for Word-Program 2N times typical (21 x 24 = 32 µs)
24H
0000H
Maximum time out for buffer program 2N times typical
25H
0001H
Maximum time out for individual Sector/Block-Erase 2N times typical
(21 x 24 = 32 ms)
26H
0001H
Maximum time out for Chip-Erase 2N times typical (21 x 26 = 128 ms)
373 PGM T6.0
TABLE 7: DEVICE GEOMETRY INFORMATION
Address
Data
Data
27H
0015H
Device size = 2N Byte (15H = 21; 221 = 2M Bytes)
28H
0001H
Flash Device Interface description; 0001H = x16-only asynchronous interface
29H
0000H
2AH
0000H
Maximum number of byte in multi-byte write = 2N (00H = not supported)
2BH
0000H
2CH
0002H
Number of Erase Sector/Block sizes supported by device
2DH
00FFH
Sector Information (y + 1 = Number of sectors; z x 256B = sector size)
2EH
0003H
y = 1023 + 1 = 1024 sectors (03FFH = 1023)
2FH
0008H
30H
0000H
z = 8 x 256 Bytes = 2 KBytes/sector (0008H = 8)
31H
001FH
Block Information (y + 1 = Number of blocks; z x 256B = block size)
32H
0000H
y = 31 + 1 = 32 blocks (001FH = 31)
33H
0000H
34H
0001H
z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
373 PGM T7.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com