Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1582575 Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de pieza 1582575
Descripción Electrónicos  QPD W 4PE2,5 9-16 M25 FC GY - Panel feed-through
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1582575 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1582575 Datasheet HTML 1Page - PHOENIX CONTACT 1582575 Datasheet HTML 2Page - PHOENIX CONTACT 1582575 Datasheet HTML 3Page - PHOENIX CONTACT 1582575 Datasheet HTML 4Page - PHOENIX CONTACT 1582575 Datasheet HTML 5Page - PHOENIX CONTACT 1582575 Datasheet HTML 6Page - PHOENIX CONTACT 1582575 Datasheet HTML 7Page - PHOENIX CONTACT 1582575 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Product properties
Product type
Panel feed-through
Product family
QPD
Type
QPD 5x2,5
Number of positions
5
Connection profile
4+PE
Position marking
1, 2, L, N, PE
Number of connections
10
Number of connections per position
1
Coding
coded
Data management status
Article revision
03
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Connection data
Connection technology
Connection method On the device side
Spade connection (For slip-on sleeves according to DIN 46247-
2)
Connection method On the field side
IDC connection
Frequency of connections between conductors of the same cross
section
max. 10
Conductor connection
Conductor cross section flexibel
1 mm² ... 2.5 mm²
Conductor cross section solid
1 mm² ... 2.5 mm²
Connection cross section AWG
16 ... 14
Tightening torque Union nut
10 Nm
Tightening torque Locking nut
5 Nm
Wrench size Union nut
27 mm
Wrench size Locking nut
30 mm
Dimensions
Dimensional drawing
Width
34.6 mm
Height
34.6 mm
QPD W 4PE2,5 9-16 M25 FC GY - Panel feed-through
1582575
https://www.phoenixcontact.com/us/products/1582575
Oct 31, 2024, 6:30 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com