Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSG14K_CSG8K Datasheet(PDF) 89 Page - OSRAM GmbH

No. de pieza CSG14K_CSG8K
Descripción Electrónicos  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 89 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 85Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 86Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 87Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 88Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 89Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 90Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 91Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 92Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 93Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 88
7.6.3
Pixel Bit Order
Figure 110:
Output Bit Order Register
Reg. Name
Bank
Addr
Bits
Description
OUTP_BITORDER
0
10
[0]
0: Serial data is sent LSB first
1: Serial data is sent MSB first
To accommodate different receiver systems, least or most significant bit of pixel data can be
sent first (within the pixel word). This is independent from the chosen output format as it acts
on the level of the pixel data.
7.7
Configuring the On-Chip Data Processing
7.7.1
Optical Black Clamping
Figure 111:
Optical Black Registers
Reg. Name
Bank
Addr
Bits
Description
EOB_TARGET
0
58-59
[12:0]
Sets the target black level value in DN
EOB_BYPASS
0
93
[0]
0: OBC on (recommended)
1: OBC off
EOB_BYPASS_VALUE
0
94-95
[12:0]
Sets the ideal black level at the ADC (when OBC off).
This section explains how to set and correct the black levels.
Black Level Mapping
The black level at a certain point in the pixel data path on the sensor is the analog level or
digital word that corresponds to the level of an ideal dark pixel (zero illumination). In practice,
it is the average of all real dark pixels (optically shielded) at that point in the data path.
The black level at the output of the ADC does not equal the desired black level in the output
images for several reasons including the ADC architecture, fixed pattern and temporal noise
(row noise, frame noise), dark current and so on.
As illustrated in the figure below, the black level at the ADC output needs to be mapped on
the target black level at the sensor output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More