Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3233 Datasheet(PDF) 45 Page - Silicon Laboratories

No. de pieza SI3233
Descripción Electrónicos  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 45 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 41Page - Silicon Laboratories SI3233 Datasheet HTML 42Page - Silicon Laboratories SI3233 Datasheet HTML 43Page - Silicon Laboratories SI3233 Datasheet HTML 44Page - Silicon Laboratories SI3233 Datasheet HTML 45Page - Silicon Laboratories SI3233 Datasheet HTML 46Page - Silicon Laboratories SI3233 Datasheet HTML 47Page - Silicon Laboratories SI3233 Datasheet HTML 48Page - Silicon Laboratories SI3233 Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
Si3233
Preliminary Rev. 0.5
45
Reset settings = 0001_0000
Register 14. Power Down Control 1
Si3233
Bit
D7D6D5D4D3D2
D1
D0
Name
DCOF
MOF
BIASOF
SLICOF
Type
R/W
R/W
R/W
R/W
Bit
Name
Function
7:5
Reserved
Read returns zero.
4
DCOF
DC-DC Converter Power-Off Control.
0 = Automatic power control.
1 = Override automatic control and force dc-dc circuitry off.
3PFR
PLL Free-Run Control.
0 = Normal operation.
1 = PLL free-run mode enabled.
2
Reserved
Read returns zero.
1
BIASOF
DC Bias Power-Off Control.
0 = Automatic power control.
1 = Override automatic control and force dc bias circuitry off.
0SLICOF
SLIC Power-Off Control.
0 = Automatic power control.
1 = Override automatic control and force SLIC circuitry off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100