Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD241D Datasheet(PDF) 2 Page - Power Innovations Ltd

No. de pieza BD241D
Descripción Electrónicos  NPN SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POINN [Power Innovations Ltd]
Página de inicio  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD241D Datasheet(HTML) 2 Page - Power Innovations Ltd

  BD241D Datasheet HTML 1Page - Power Innovations Ltd BD241D Datasheet HTML 2Page - Power Innovations Ltd BD241D Datasheet HTML 3Page - Power Innovations Ltd BD241D Datasheet HTML 4Page - Power Innovations Ltd BD241D Datasheet HTML 5Page - Power Innovations Ltd BD241D Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BD241D, BD241E, BD241F
NPN SILICON POWER TRANSISTORS
2
SEPTEMBER 1981 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
(see Note 5)
IB = 0
BD241D
BD241E
BD241F
120
140
160
V
ICES
Collector-emitter
cut-off current
VCE = 160 V
VCE = 180 V
VCE = 200 V
VBE = 0
VBE = 0
VBE = 0
BD241D
BD241E
BD241F
0.2
0.2
0.2
mA
ICEO
Collector cut-off
current
VCE = 90 V
IB = 0
0.3
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC = 0
1
mA
hFE
Forward current
transfer ratio
VCE =
4 V
VCE =
4 V
IC =
1 A
IC =
3 A
(see Notes 5 and 6)
25
5
VCE(sat)
Collector-emitter
saturation voltage
IB = 750 mA
IC =
3 A
(see Notes 5 and 6)
2.5
V
VBE
Base-emitter
voltage
VCE =
4 V
IC =
3 A
(see Notes 5 and 6)
1.8
V
hfe
Small signal forward
current transfer ratio
VCE = 10 V
IC = 0.5 A
f = 1 kHz
20
|h
fe|
Small signal forward
current transfer ratio
VCE = 10 V
IC = 0.5 A
f = 1 MHz
3
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
3.125
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = 1 A
VBE(off) = -3.7 V
IB(on) = 0.1 A
RL = 20 Ω
IB(off) = -0.1 A
tp = 20 µs, dc ≤ 2%
0.3
µs
toff
Turn-off time
1
µs



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com