Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA4VM67 Datasheet(PDF) 86 Page - Texas Instruments

No. de pieza TDA4VM67
Descripción Electrónicos  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM67 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TDA4VM67 Datasheet HTML 82Page - Texas Instruments TDA4VM67 Datasheet HTML 83Page - Texas Instruments TDA4VM67 Datasheet HTML 84Page - Texas Instruments TDA4VM67 Datasheet HTML 85Page - Texas Instruments TDA4VM67 Datasheet HTML 86Page - Texas Instruments TDA4VM67 Datasheet HTML 87Page - Texas Instruments TDA4VM67 Datasheet HTML 88Page - Texas Instruments TDA4VM67 Datasheet HTML 89Page - Texas Instruments TDA4VM67 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 331 page
background image
Table 5-9. GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
WKUP_GPIO0_10
General Purpose Input/Output
IO
H26
WKUP_GPIO0_11
General Purpose Input/Output
IO
H27
WKUP_GPIO0_12
General Purpose Input/Output
IO
G29
WKUP_GPIO0_13
General Purpose Input/Output
IO
H28
WKUP_GPIO0_14
General Purpose Input/Output
IO
H29
WKUP_GPIO0_15
General Purpose Input/Output
IO
J27
WKUP_GPIO0_16
General Purpose Input/Output
IO
E20
WKUP_GPIO0_17
General Purpose Input/Output
IO
C21
WKUP_GPIO0_18
General Purpose Input/Output
IO
D21
WKUP_GPIO0_19
General Purpose Input/Output
IO
D20
WKUP_GPIO0_20
General Purpose Input/Output
IO
G19
WKUP_GPIO0_21
General Purpose Input/Output
IO
G20
WKUP_GPIO0_22
General Purpose Input/Output
IO
F20
WKUP_GPIO0_23
General Purpose Input/Output
IO
F21
WKUP_GPIO0_24
General Purpose Input/Output
IO
E21
WKUP_GPIO0_25
General Purpose Input/Output
IO
B22
WKUP_GPIO0_26
General Purpose Input/Output
IO
G21
WKUP_GPIO0_27
General Purpose Input/Output
IO
F19
WKUP_GPIO0_28
General Purpose Input/Output
IO
E19
WKUP_GPIO0_29
General Purpose Input/Output
IO
F22
WKUP_GPIO0_30
General Purpose Input/Output
IO
A23
WKUP_GPIO0_31
General Purpose Input/Output
IO
B23
WKUP_GPIO0_32
General Purpose Input/Output
IO
D22
WKUP_GPIO0_33
General Purpose Input/Output
IO
G22
WKUP_GPIO0_34
General Purpose Input/Output
IO
D23
WKUP_GPIO0_35
General Purpose Input/Output
IO
C23
WKUP_GPIO0_36
General Purpose Input/Output
IO
C22
WKUP_GPIO0_37
General Purpose Input/Output
IO
E22
WKUP_GPIO0_38
General Purpose Input/Output
IO
B27
WKUP_GPIO0_39
General Purpose Input/Output
IO
C25
WKUP_GPIO0_40
General Purpose Input/Output
IO
A28
WKUP_GPIO0_41
General Purpose Input/Output
IO
A27
WKUP_GPIO0_42
General Purpose Input/Output
IO
A26
WKUP_GPIO0_43
General Purpose Input/Output
IO
B25
WKUP_GPIO0_44
General Purpose Input/Output
IO
B26
WKUP_GPIO0_45
General Purpose Input/Output
IO
C24
WKUP_GPIO0_46
General Purpose Input/Output
IO
A25
WKUP_GPIO0_47
General Purpose Input/Output
IO
D24
WKUP_GPIO0_48
General Purpose Input/Output
IO
A24
WKUP_GPIO0_49
General Purpose Input/Output
IO
B24
WKUP_GPIO0_50
General Purpose Input/Output
IO
E23
WKUP_GPIO0_51
General Purpose Input/Output
IO
F23
WKUP_GPIO0_52
General Purpose Input/Output
IO
E27
WKUP_GPIO0_53
General Purpose Input/Output
IO
E24
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
86
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM