Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA76600M Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LA76600M
Descripción Electrónicos  Monolithic Linear IC Video Signal Y/C Separator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA76600M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA76600M Datasheet HTML 1Page - Sanyo Semicon Device LA76600M Datasheet HTML 2Page - Sanyo Semicon Device LA76600M Datasheet HTML 3Page - Sanyo Semicon Device LA76600M Datasheet HTML 4Page - Sanyo Semicon Device LA76600M Datasheet HTML 5Page - Sanyo Semicon Device LA76600M Datasheet HTML 6Page - Sanyo Semicon Device LA76600M Datasheet HTML 7Page - Sanyo Semicon Device LA76600M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LA76600M
No.8383-2/8
Electrical Characteristics at Ta = 25
°C, VCC = 5.0V
Ratings
Parameter
Symbol
Input
Output
Conditions
min
typ
max
Unit
Analog Supply Current
ICC
Measure the current at 5PIN.
25
30
35
mA
Digital Supply Current
IDD
Measure the current at 6PIN.
25
30
35
mA
REG Voltage
REG
T7
Measure the output voltage.
3.8
4
4.2
V
VCO Voltage
VCO
T8
Measure the output voltage.
2.1
2.3
2.5
V
RD Voltage
RD
T12
Measure the output voltage.
9
10
11
V
PLL Voltage
PLL
T13
Measure the output voltage.
3
3.5
4
V
YIN1 Input Level
YIN1
T14A
T14
VIN = 1Vp-p, Video signal SW2:2
Measure the input level.
0.8
1
1.2
Vp-p
YIN2 Input Level
YIN2
T3A
T3
VIN = 1Vp-p, Video signal SW2:1
Measure the input level.
0.8
1
1.2
Vp-p
Chroma Input Level
CIN
T1A
T1
VIN = 0.7Vp-p, Chroma signal
Measure the input level.
0.5
0.7
0.9
Vp-p
FSC Input Level
FSCIN
T11A
T11
VIN = 0.3Vp-p, SIN Signal
Measure the input level.
0.2
0.3
0.5
Vp-p
Yout Level 1
(COMB Mode)
YLVC
T14A
T3A
T16
VIN = 1Vp-p, Video signal SW1:2
Measure the output level.
0.89
1
1.12
Vp-p
Yout Level 2
(THR Mode)
YLVT
T14A
T3A
T16
VIN = 1Vp-p, Video signal SW1:1
Measure the output level.
0.89
1
1.12
Vp-p
Yout f-Character
(COMB Mode)
YFC1
T14A
T3A
T16
VIN = 1Vp-p, 5MHz, CW signal SW1:2
Measure the Gain between the input and the output.
-3
0
3
dB
Yout f-Character
(COMB Mode)
YFC2
T14A
T3A
T16
VIN = 1Vp-p, 7MHz, CW signal SW1:2
Measure the Gain between the input and the output.
-20
-15
dB
Yout f-Character
(THR Mode)
YFT
T14A
T3A
T16
VIN = 1Vp-p, 10MHz, CW signal SW1:1
Measure the Gain between the input and the output.
-3
0
3
dB
Y Signal Delay 1
(COMB Mode)
YDLYC
T14A
T3A
T16
VIN = 1Vp-p, Video signal SW1:2
Measure the delay between the input and the output
of Y signal.
200
400
600
ns
Y Signal Delay 2
(THR Mode)
YDLYT
T14A
T3A
T16
VIN = 1Vp-p, Video signal SW1:1
Measure the delay between the input and the output
of Y signal.
0
10
50
ns
Output Clamp Level 1
(COMB Mode)
YCLPC
T14A
T3A
T16
VIN = 1Vp-p, Video signal SW1:2
Measure the clamp level of output signal.
1.5
2
2.5
V
Output Clamp Level 2
(THR Mode)
YCLPT
T14A
T3A
T16
VIN = 1Vp-p, Video signal SW1:1
Measure the clamp level of output signal.
1.5
2
2.5
V
Y Signal S/N ratio 1
(COMB Mode)
YSNC
T14A
T3A
T16
VIN = 1Vp-p, Video signal SW1:2
Measure the S/N ratio of Y signal.
-50
dB
Y Signal S/N ratio 2
(THR Mode)
YSNT
T14A
T3A
T16
VIN = 1Vp-p, Video signal SW1:1
Measure the S/N ratio of Y signal.
-50
dB
Clock Leak
(COMB Mode)
YCLKC
T14A
T3A
T16
VIN = 1Vp-p, Video signal SW1:2
Measure the clock leak.
-40
dB
Clock Leak
(THR Mode)
YCLKT
T14A
T3A
T16
VIN = 1Vp-p, Video signal SW1:1
Measure the clock leak.
-60
dB
Y_Comb Depth 1
YCOMB1
T14A
T3A
T16
VIN = 1Vp-p, Video signal SW1:2
Measure the comb depth at Fsc.
-35
-30
dB
Y_Comb Depth 2
YCOMB2
T14A
T3A
T16
VIN = 1Vp-p, Video signal SW1:2
Measure the comb depth at (227.5-59)/227.5Fsc.
-15
-10
dB
Y_Comb Depth 3
YCOMB3
T14A
T3A
T16
VIN= 1Vp-p, Video signal SW1:2
Measure the comb depth at (227.5+59)/227.5Fsc.
-15
-10
dB
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com