Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PM5317 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

No. de pieza PM5317
Descripción Electrónicos  SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PMC [PMC-Sierra, Inc]
Página de inicio  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5317 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5317 Datasheet HTML 1Page - PMC-Sierra, Inc PM5317 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-2000992 (P2)
 Copyright PMC-Sierra,
Inc. 2001. All rights reserved.
S/UNI is a registered
trademark and SPECTRA is
a trademark of PMC-Sierra,
Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
Preliminary
PM5317 SPECTRA-9953
• Supports Automatic Protection
Switching (APS):
Ring control port communication of
path REI and path RDI alarms;
Filters the APS channel (K1,K2)
bytes into internal registers; inserts
the APS channel into the transmit
stream.
• Supports line loopback from the line
side receive stream to the transmit
stream and diagnostic loop-back from
an ADD TelecomBus interface to a
DROP TelecomBus interface.
• Provides a standard 5 signal IEEE
1149.1 JTAG test port for boundary
scan board test purposes.
• Provides a generic 16-bit
microprocessor bus interface for
configuration, control, and status
monitoring.
• Low power, 1.8 V CMOS core logic
with 3.3 V CMOS/TTL digital inputs
and digital outputs (2.5 V tolerant).
• Industrial temperature range (-40 °C to
+85 °C).
• 1152 pin FCBGA package.
APPLICATIONS
• Channelized STS-192/STM-64 or
4 x STS-48/STM-16 Interfaces for:
Optical cross connects;
Digital cross connects;
Router and switch line cards;
ADM aggregate cards for TDM and
multiservice applications;
Terminal multiplexers;
SONET/SDH test equipment.
OC-192 TO DS3 CARD
TYPICAL APPLICATION
160 GIGABIT STS-1 CROSS-CONNECT
PM5372
TSE
PM5372
TSE
PM5372
TSE
PM5372
TSE
1
1
PM5317
SPECTRA-
9953
PM5395
CRSU
4x2488
Optics
Optics
Optics
Optics
PM5317
SPECTRA-
9953
PM5395
CRSU
4x2488
Optics
Optics
Optics
Optics
7
PM5317
SPECTRA-
9953
PM5395
CRSU
4x2488
Optics
Optics
Optics
Optics
8
PM5317
SPECTRA-
9953
PM5395
CRSU
4x2488
Optics
Optics
Optics
Optics
7
PM5317
SPECTRA-
9953
PM5395
CRSU
4x2488
Optics
Optics
Optics
Optics
8
PM5317
SPECTRA-
9953
PM5395
CRSU
4x2488
Optics
Optics
Optics
Optics
Optics
OC-192 CDR +
SERDES
16 x 622 MHz
4 x 4 x 777
MHz
PM5317 SPECTRA-
9953
PM7390
S/UNI-MACH48
PM7390
S/UNI-MACH48
PM7390
S/UNI-MACH48
PM7390
S/UNI-MACH48



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com