| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICS83905AM Datasheet(PDF) 2 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS83905AM Datasheet(HTML) 2 Page - Integrated Device Technology |
|
2 / 19 page ![]() IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER 2 ICS83905AM REV. B JULY 9, 2007 ICS83905 LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER TABLE 1. PIN DESCRIPTIONS TABLE 2. PIN CHARACTERISTICS TABLE 3. CLOCK ENABLE FUNCTION TABLE e m a Ne p y Tn o i t p i r c s e D T U O _ L A T Xt u p t u O. t u p t u o e h t s i T U O _ L A T X . e c a f r e t n i r o t a ll i c s o l a t s y r C N I _ L A T Xt u p n I. t u p n i e h t s i N I _ L A T X . e c a f r e t n i r o t a ll i c s o l a t s y r C 2 E L B A N E , 1 E L B A N Et u p n I . 3 e l b a T e e S . s l e v e l e c a f r e t n i L T T V L / S O M C V L . e l b a n e k c o l C , 2 K L C B , 1 K L C B , 0 K L C B 5 K L C B , 4 K L C B , 3 K L C B t u p t u O. s l e v e l e c a f r e t n i L T T V L / S O M C V L . s t u p t u o k c o l C D N Gr e w o P. d n u o r g y l p p u s r e w o P V D D r e w o P. n i p y l p p u s e r o C V O D D r e w o P. n i p y l p p u s t u p t u O c / nd e s u n U. t c e n n o c o N s t u p n I l o r t n o Cs t u p t u O 1 E L B A N E2 E L B A N E4 K L C B : 0 K L C B5 K L C B 00 W O LW O L 01 W O Lg n il g g o T 10 g n il g g o TW O L 11 g n il g g o Tg n il g g o T l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U C N I e c n a t i c a p a C t u p n I 4F p C D P e c n a t i c a p a C n o i t a p i s s i D r e w o P ) t u p t u o r e p ( V O D D V 5 6 4 . 3 =9 1F p V O D D V 5 2 6 . 2 =8 1F p V O D D V 2 =6 1F p R T U O e c n a d e p m I t u p t u O V O D D % 5 ± V 3 . 3 =7 Ω V O D D % 5 ± V 5 . 2 =7 Ω V O D D V 2 . 0 ± V 8 . 1 =0 1 Ω BCLK5 BCLK0:4 ENABLE2 ENABLE1 FIGURE 1. ENABLE TIMING DIAGRAM |