Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC53PAST-Q Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

No. de pieza BC53PAST-Q
Descripción Electrónicos  80 V, 1 A PNP medium power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC53PAST-Q Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC53PAST-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC53PAST-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC53PAST-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC53PAST-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC53PAST-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC53PAST-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC53PAST-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC53PAST-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC53PAST-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
BC53PAST-Q series
80 V, 1 A PNP medium power transistors
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC current gain
BC53PAST-Q
[1]
63
-
250
BC53-10PAST-Q
[1]
63
-
160
hFE
BC53-16PAST-Q
VCE = -2 V; IC = -150 mA
[1]
100
-
250
[1] pulsed; tp ≤ 300 μs; δ ≤ 0.02
5. Pinning information
Table 3. Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
B
base
2
E
emitter
3
C
collector
Transparent top view
1
2
3
sym132
E
C
B
6. Ordering information
Table 4. Ordering information
Package
Type number
Name
Description
Version
BP53PAST-Q
BC53-10PAST-Q
BC53-16PAST-Q
DFN2020D-3 plastic, leadless thermal enhanced ultra thin small outline
package with side-wettable flanks (SWF); no leads;
3 terminals; 1.3 mm pitch; 2 mm x 2 mm x 0.65 mm body
SOT1061D
7. Marking
Table 5. Marking
Type number
Marking code
BC53PAST-Q
G2
BC53-10PAST-Q
F9
BC53-16PAST-Q
F8
BC53PAST-Q_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 23 August 2024
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com