| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PXAS30KFA Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PXAS30KFA Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 52 page ![]() Philips Semiconductors Preliminary specification XA-S3 XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V), I2C, 2 UARTs, 16 MB address range 2000 Dec 01 9 MNEMONIC NAME AND FUNCTION TYPE PIN NUMBER MNEMONIC NAME AND FUNCTION TYPE LQFP PLCC P5.0 – P5.7 23–30 17–20, 22–25 I/O Port 5: Port 5 is an 8-bit I/O port with a user-configurable output type. Port 5 latches have 1s written to them and are configured in the quasi-bidirectional mode during reset. The operation of Port 5 pins as inputs and outputs depends upon the port configuration selected. Each port pin is configured independently. Refer to the section on I/O port configuration and the DC Electrical Characteristics for details. Port 5 also provides various special functions as described below. Port 5 pins used as A/D inputs must be configured by the user to the high impedance mode. 23 17 I AD0 (P5.0): A/D channel 0 input. 24 18 I AD1 (P5.1): A/D channel 1 input. 25 19 I AD2 (P5.2): A/D channel 2 input. 26 20 I AD3 (P5.3): A/D channel 3 input. 27 22 I AD4 (P5.4): A/D channel 4 input. 28 23 I AD5 (P5.5): A/D channel 5 input. 29 24 I/O AD6/SCL (P5.6): A/D channel 6 input. I2C serial clock input/output. 30 25 I/O AD7/SDA (P5.7): A/D channel 7 input. I2C serial data input/output. P6.0 – P6.7 43, 44 40, 41 I/O Port 6: Port 6 is a 2-bit I/O port with a user-configurable output type. Port 6 latches have 1s written to them and are configured in the quasi-bidirectional mode during reset. The operation of Port 6 pins as inputs and outputs depends upon the port configuration selected. Each port pin is configured independently. Refer to the section on I/O port configuration and the DC Electrical Characteristics for details. Port 6 also provides special functions as described below: 43 40 O A22 (P6.0): Address bit 22 of the external address bus. 44 41 O A23 (P6.1): Address bit 23 of the external address bus. Table 1. Special Function Registers SFR BIT FUNCTIONS AND ADDRESSES Reset NAME DESCRIPTION Address MSB LSB Value 3F7 3F6 3F5 3F4 3F3 3F2 3F1 3F0 ADCON#* A/D control register 43E – – – – ADRES ADMOD ADSST ADINT 00h 3FF 3FE 3FD 3FC 3FB 3FA 3F9 3F8 ADCS#* A/D channel select register 43F ADCS7 ADCS6 ADCS5 ADCS4 ADCS3 ADCS2 ADCS1 ADCS0 00h ADCFG# A/D timing configuration 4B9 – – – – A/D Timing Configuration 0Fh ADRSH0# A/D high byte result, channel 0 4B0 xx ADRSH1# A/D high byte result, channel 1 4B1 xx ADRSH2# A/D high byte result, channel 2 4B2 xx ADRSH3# A/D high byte result, channel 3 4B3 xx ADRSH4# A/D high byte result, channel 4 4B4 xx ADRSH5# A/D high byte result, channel 5 4B5 xx ADRSH6# A/D high byte result, channel 6 4B6 xx ADRSH7# A/D high byte result, channel 7 4B7 xx ADRSL# Two LSBs of 10-bit A/D result 4B8 xx BCR# Bus configuration register 46A – – CLKD WAITD BUSD BC2 BC1 BC0 Note 1 BTRH Bus timing register high byte 469 DW1 DW0 DWA1 DWA0 DR1 DR0 DRA1 DRA0 FFh BTRL Bus timing register low byte 468 WM1 WM0 ALEW – CR1 CR0 CRA1 CRA0 EFh 2D7 2D6 2D5 2D4 2D3 2D2 2D1 2D0 CCON#* PCA counter control 41A CF CR – CCF4 CCF3 CCF2 CCF1 CCF0 00h CMOD# PCA mode control 490 CIDL WDTE – – – CPS1 CPS0 ECF 00h CH# PCA counter high byte 48B 00h CL# PCA counter low byte 48A 00h CCAPM0# PCA module 0 mode 491 – ECOM0 CAPP0 CAPN0 MAT0 TOG0 PWM0 ECCF0 00h CCAPM1# PCA module 1 mode 492 – ECOM1 CAPP1 CAPN1 MAT1 TOG1 PWM1 ECCF1 00h |