| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PXAS33KBBE Datasheet(PDF) 41 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PXAS33KBBE Datasheet(HTML) 41 Page - NXP Semiconductors |
|
41 / 52 page ![]() Philips Semiconductors Preliminary specification XA-S3 XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V), I2C, 2 UARTs, 16 MB address range 2000 Dec 01 41 AC ELECTRICAL CHARACTERISTICS (3 V RANGE) (continued) This set of parameters is referenced to the XA-S3 clock output. SYMBOL FIGURE PARAMETER LIMITS UNIT SYMBOL FIGURE PARAMETER MIN MAX UNIT Address Cycle tCHLH 26 CLKOUT rising edge to ALE rising edge – 15 ns tCLLL 26 CLKOUT falling edge to ALE falling edge – 11 ns tCHAV 26 CLKOUT rising edge to address valid – 29 ns tCHAX 26 CLKOUT rising edge to address changing (hold time) 2 – ns Code Read Cycle tCHPL 26 CLKOUT rising edge to PSEN asserted – 16 ns tCHPH 26 CLKOUT rising edge to PSEN de-asserted – 15 ns tIVCH 26 Instruction valid to CLKOUT rising edge (setup time) 30 – ns tCHIX 26 CLKOUT rising edge to instruction changing (hold time) 0 – ns tCHIZ 26 CLKOUT rising edge to Bus 3-State (code read) – tC–8 ns Data Read Cycle tCHRL 28 CLKOUT rising edge to RD asserted – 20 ns tCHRH 28 CLKOUT rising edge to RD de-asserted – 16 ns tDVCH 28 Data valid to CLKOUT rising edge (setup time) 28 – ns tCHDX 28 CLKOUT rising edge to Data changing (hold time) 0 – ns tCHDZ 28 CLKOUT rising edge to Bus 3-State (data read) – tC–8 ns Data Write Cycle tCHWL 30 CLKOUT falling edge to WR asserted – 19 ns tCHWH 30 CLKOUT rising edge to WR de-asserted – 16 ns tQVCH 30 Data valid to CLKOUT rising edge (setup time) 4 – ns tCHQX 30 CLKOUT rising edge to Data changing (hold time) 0 – ns Wait Input tCHWTH 31 WAIT valid prior to CLKOUT rising edge8 30 4 ns NOTES: 1. Load capacitance for all outputs = 50 pF. 2. Variables V1 through V13 reflect programmable bus timing, which is programmed via the Bus Timing registers (BTRH and BTRL). Refer to the XA User Guide for details of the bus timing settings. V1) This variable represents the programmed width of the ALE pulse as determined by the ALEW bit in the BTRL register. V1 = 0.5 if the ALEW bit = 0, and 1.5 if the ALEW bit = 1. V2) This variable represents the programmed width of the PSEN pulse as determined by the CR1 and CR0 bits or the CRA1, CRA0, and ALEW bits in the BTRL register. – For a bus cycle with no ALE, V2 = 1 if CR1/0 = 00, 2 if CR1/0 = 01, 3 if CR1/0 = 10, and 4 if CR1/0 = 11. Note that during burst mode code fetches, PSEN does not exhibit transitions at the boundaries of bus cycles. V2 still applies for the purpose of determining peripheral timing requirements. – For a bus cycle with an ALE, V2 = the total bus cycle duration (2 if CRA1/0 = 00, 3 if CRA1/0 = 01, 4 if CRA1/0 = 10, and 5 if CRA1/0 = 11) minus the number of clocks used by ALE (V1 + 0.5) = 2. Example: if CRA1/0 = 10 and ALEW = 1, the V2 = 4 – (1.5 + 0.5) = 2. V3) This variable represents the programmed length of an entire code read cycle with ALE. This time is determined by the CRA1 and CRA0 bits in the BTRL register. V3 = the total bus cycle duration (2 if CRA1/0 = 00, 3 if CRA1/0 = 01, 4 if CRA1/0 = 10, and 5 if CRA1/0 = 11). V4) This variable represents the programmed length of an entire code read cycle with no ALE. This time is determined by the CR1 and CR0 bits in the BTRL register. V4 = 1 if CR1/0 = 00, 2 if CR1/0 = 01, 3 if CR1/0 = 10, and 4 if CR1/0 = 11. V5) This variable represents the programmed length of an entire data read cycle with no ALE. This time is determined by the DR1 and DR0 bits in the BTRH register. V5 = 1 if DR1/0 = 00, 2 if DR1/0 = 01, 3 if DR1/0 = 10, and 4 if DR1/0 = 11. V6) This variable represents the programmed length of an entire data read cycle with ALE. The time is determined by the DRA1 and DRA0 bits in the BTRH register. V6 = the total bus cycle duration (2 if DRA1/0 = 00, 3 if DRA1/0 = 01, 4 if DRA1/0 = 10, and 5 if DRA1/0 = 11). |