Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PXAS30KBBE Datasheet(PDF) 48 Page - NXP Semiconductors

No. de pieza PXAS30KBBE
Descripción Electrónicos  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBBE Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button PXAS30KBBE Datasheet HTML 44Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 45Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 46Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 47Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 48Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 49Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 50Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 51Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 52Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
48
EPROM CHARACTERISTICS
The XA-S3 is programmed by using a modified Improved
Quick-Pulse Programming
™ algorithm. This algorithm is essentially
the same as that used by 80C51 family EPROM parts. However
different pins are used for many programming functions.
The XA-S3 contains three signature bytes that can be read and
used by an EPROM programming system to identify the device. The
signature bytes identify the device as an XA-S3 manufactured by
Philips.
Security Bits
With none of the security bits programmed the code in the program
memory can be verified. When only security bit 1 is programmed,
MOVC instructions executed from external program memory are
disabled from fetching code bytes from the internal memory. All
further programming of the EPROM is disabled. When security bits
1 and 2 are programmed, in addition to the above, verify mode is
disabled. When all three security bits are programmed, all of the
conditions above apply and all external program memory execution
is disabled. (See Table 6.)
Table 6. Program Security Bits
PROGRAM LOCK BITS
SB1
SB2
SB3
PROTECTION DESCRIPTION
1
U
U
U
No Program Security features enabled.
2
P
U
U
MOVC instructions executed from external program memory are disabled from fetching code bytes
from internal memory and further programming of the EPROM is disabled.
3
P
P
U
Same as 2, also verify is disabled.
4
P
P
P
Same as 3, external execution is disabled. Internal data RAM is not accessible.
NOTES:
1. P – programmed. U – unprogrammed.
2. Any other combination of the security bits is not defined.
ROM CODE SUBMISSION
When submitting ROM code for the XA-S3, the following must be specified:
1. 32k byte user ROM data
2. ROM security bits.
ADDRESS
CONTENT
BIT(S)
COMMENT
0000H to 7FFFH
DATA
7:0
User ROM Data
8020H
SEC
0
ROM Security Bit 1
8020H
SEC
1
ROM Security Bit 2
0 = enable security
1 = disable security
8020H
SEC
3
ROM Security Bit 3
0 = enable security
1 = disable security
™Trademark phrase of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com