Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC30F2012A-20E/ML Datasheet(PDF) 61 Page - Microchip Technology

No. de pieza DSPIC30F2012A-20E/ML
Descripción Electrónicos  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A-20E/ML Datasheet(HTML) 61 Page - Microchip Technology

Back Button DSPIC30F2012A-20E/ML Datasheet HTML 57Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 58Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 59Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 60Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 61Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 62Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 63Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 64Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 205 page
background image
TABLE 7-1:
PORTB REGISTER MAP FOR dsPIC30F2011/3012
TABLE 7-2:
PORTB REGISTER MAP FOR dsPIC30F2012/3013
TABLE 7-3:
PORTC REGISTER MAP FOR dsPIC30F2011/2012/3012/3013
TABLE 7-4:
PORTD REGISTER MAP FOR dsPIC30F2011/3012
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISB
02C6
—
—
—
—
—
—
—
—
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2 TRISB1 TRISB0
0000 0000 1111 1111
PORTB
02C8
—
—
—
—
—
—
—
—
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
0000 0000 0000 0000
LATB
02CB
—
—
—
—
—
—
—
—
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
0000 0000 0000 0000
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISB
02C6
—
—
—
—
—
—
TRISB9
TRISB8
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2 TRISB1 TRISB0
0000 0011 1111 1111
PORTB
02C8
—
—
—
—
—
—
RB9
RB8
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
0000 0000 0000 0000
LATB
02CB
—
—
—
—
—
—
LATB9
LATB8
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
0000 0000 0000 0000
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISC
02CC
TRISC15
TRISC14
TRISC13
—
—
—
—
—
—
—
—
—
—
—
—
—
1110 0000 0000 0000
PORTC
02CE
RC15
RC14
RC13
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
LATC
02D0
LATC15
LATC14
LATC13
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISD
02D2
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—TRISD0 0000 0000 0000 0001
PORTD
02D4
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
RD0
0000 0000 0000 0000
LATD
02D6
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—LATD0
0000 0000 0000 0000