Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC30F2012AT30I/ML Datasheet(PDF) 34 Page - Microchip Technology

No. de pieza DSPIC30F2012AT30I/ML
Descripción Electrónicos  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT30I/ML Datasheet(HTML) 34 Page - Microchip Technology

Back Button DSPIC30F2012AT30I/ML Datasheet HTML 30Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 31Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 32Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 33Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 34Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 35Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 36Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 37Page - Microchip Technology DSPIC30F2012AT30I/ML Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 32
© 2006 Microchip Technology Inc.
FIGURE 3-6:
DATA SPACE WINDOW INTO PROGRAM SPACE OPERATION
23
15
0
PSVPAG(1)
15
15
EA<15> = 0
EA<15> = 1
16
Data
Space
EA
Data Space
Program Space
8
15
23
0x0000
0x8000
0xFFFF
0x00
0x001FFF
Data Read
Upper Half of Data
Space is Mapped
into Program Space
0x001200
Address
Concatenation
BSET
CORCON,#2
; Set PSV bit
MOV
#0x0, W0
; Set PSVPAG register
MOV
W0, PSVPAG
MOV
0x9200, W0 ; Access program memory location
; using a data space access
Note 1: PSVPAG is an 8-bit register, containing bits <22:15> of the program space address.
0x000000