| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC16F616-E/ML Datasheet(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/ML Datasheet(HTML) 43 Page - Microchip Technology |
|
43 / 180 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41288C-page 41 PIC16F610/616/16HV610/616 4.3.1 RC0/AN4(1)/C2IN+ The RC0 is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (1) • an analog non-inverting input to Comparator C2 4.3.2 RC1/AN5(1)/C12IN1- The RC1 is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (1) • an analog inverting input to the comparator FIGURE 4-6: BLOCK DIAGRAM OF RC0 AND RC1 4.3.3 RC2/AN6(1)/C12IN2-/P1D(1) The RC2 is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (1) • an analog input to Comparators C1 and C2 • a digital output from the Enhanced CCP (1) 4.3.4 RC3/AN7(1)/C12IN3-/P1C(1) The RC3 is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (1) • an analog inverting input to Comparators C1 and C2 • a digital output from the Enhanced CCP (1) FIGURE 4-7: BLOCK DIAGRAM OF RC2 AND RC3 Note 1: PIC16F616/16HV616 only. I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC To A/D Converter RD PORTC Analog Input Mode(1) To Comparators Note 1: Analog Input mode comes from ANSEL or Comparator mode. Note 1: PIC16F616/16HV616 only. I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC To A/D Converter RD PORTC Analog Input Mode(1) 0 1 CCPOUT CCPOUT(2) Enable Note 1: Analog Input mode comes from ANSEL. 2: PIC16F616/16HV616 only. |