Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC30F2012A20E/P Datasheet(PDF) 78 Page - Microchip Technology

No. de pieza DSPIC30F2012A20E/P
Descripción Electrónicos  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A20E/P Datasheet(HTML) 78 Page - Microchip Technology

Back Button DSPIC30F2012A20E/P Datasheet HTML 74Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 75Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 76Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 77Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 78Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 79Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 80Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 81Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 76
© 2006 Microchip Technology Inc.
FIGURE 10-1:
32-BIT TIMER2/3 BLOCK DIAGRAM
TMR3
TMR2
T3IF
Equal
Comparator x 32
PR3
PR2
Reset
LSB
MSB
Event Flag
Note:
Timer Configuration bit T32 (T2CON<3>) must be set to ‘1’ for a 32-bit timer/counter operation. All control
bits are respective to the T2CON register.
Data Bus<15:0>
Read TMR2
Write TMR2
16
16
16
Q
QD
CK
TGATE (T2CON<6>)
(T2CON<6>)
TGATE
0
1
TON
TCKPS<1:0>
2
TCY
1 x
0 1
0 0
Gate
T2CK
Sync
ADC Event Trigger
Sync
TMR3HLD
Prescaler
1, 8, 64, 256