Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC30F2011A20E/P Datasheet(PDF) 47 Page - Microchip Technology

No. de pieza DSPIC30F2011A20E/P
Descripción Electrónicos  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/P Datasheet(HTML) 47 Page - Microchip Technology

Back Button DSPIC30F2011A20E/P Datasheet HTML 43Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 44Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 45Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 46Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 47Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 48Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 49Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 50Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 45
dsPIC30F2011/2012/3012/3013
FIGURE 4-2:
BIT-REVERSED ADDRESS EXAMPLE
TABLE 4-2:
BIT-REVERSED ADDRESS SEQUENCE (16-ENTRY)
TABLE 4-3:
BIT-REVERSED ADDRESS MODIFIER VALUES FOR XBREV REGISTER
Normal Address
Bit-Reversed Address
A3
A2
A1
A0
Decimal
A3
A2
A1
A0
Decimal
00
00
0
00
00
0
00
01
1
10
00
8
00
10
2
01
00
4
00
11
3
11
00
12
01
00
4
00
10
2
01
01
5
10
10
10
01
10
6
01
10
6
01
11
7
11
10
14
10
00
8
00
01
1
10
01
9
10
01
9
10
10
10
01
01
5
10
11
11
11
01
13
11
00
12
00
11
3
11
01
13
10
11
11
11
10
14
01
11
7
11
11
15
11
11
15
Buffer Size (Words)
XB<14:0> Bit-Reversed Address Modifier Value
1024
0x0200
512
0x0100
256
0x0080
128
0x0040
64
0x0020
32
0x0010
16
0x0008
80x0004
40x0002
20x0001
b3 b2 b1
0
b2 b3 b4
0
Bit Locations Swapped Left-to-Right
Around Center of Binary Value
Bit-Reversed Address
XB = 0x0008 for a 16-word Bit-Reversed Buffer
b7 b6 b5 b1
b7 b6 b5 b4
b11 b10 b9 b8
b11 b10 b9 b8
b15 b14 b13 b12
b15 b14 b13 b12
Sequential Address
Pivot Point