| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC18F23K20-E/SOSQTP Datasheet(PDF) 76 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/SOSQTP Datasheet(HTML) 76 Page - Microchip Technology |
|
76 / 420 page ![]() PIC18F2XK20/4XK20 DS41303B-page 74 Advance Information © 2007 Microchip Technology Inc. FIGURE 5-9: USE OF THE BANK SELECT REGISTER (DIRECT ADDRESSING) Note 1: The Access RAM bit of the instruction can be used to force an override of the selected bank (BSR<3:0>) to the registers of the Access Bank. 2: The MOVFF instruction embeds the entire 12-bit address in the instruction. Data Memory Bank Select(2) 7 0 From Opcode(2) 000 0 000h 100h 200h 300h F00h E00h FFFh Bank 0 Bank 1 Bank 2 Bank 14 Bank 15 00h FFh 00h FFh 00h FFh 00h FFh 00h FFh 00h FFh Bank 3 through Bank 13 00 1 1 1 1 1 1 1 111 7 0 BSR(1) |