| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC16F690-E/MLQTP Datasheet(PDF) 79 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F690-E/MLQTP Datasheet(HTML) 79 Page - Microchip Technology |
|
79 / 294 page ![]() © 2007 Microchip Technology Inc. DS41262D-page 77 PIC16F631/677/685/687/689/690 4.5.1 RC0/AN4/C2IN+ The RC0 is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (except PIC16F631) • an analog input to Comparator C2 4.5.2 RC1/AN5/C12IN1- The RC1 is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • an analog input to Comparator C1 or C2 FIGURE 4-11: BLOCK DIAGRAM OF RC0 AND RC1 4.5.3 RC2/AN6/C12IN2-/P1D The RC2/AN6/P1D(1) is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (except PIC16F631) • a PWM output • an analog input to Comparator C1 or C2 4.5.4 RC3/AN7/C12IN3-/P1C The RC3/AN7/P1C(1) is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (except PIC16F631) • a PWM output • a PWM output • an analog input to Comparator C1 or C2 FIGURE 4-12: BLOCK DIAGRAM OF RC2 AND RC3 VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC To A/D Converter(2) RD PORTC Analog Input Mode(1) To Comparators Note 1: ANSEL determines Analog Input mode. 2: Not implemented on PIC16F631. I/O Pin Note 1: P1D is available on PIC16F685/PIC16F690 only. Note 1: P1C is available on PIC16F685/PIC16F690 only. VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC To Comparators RD PORTC Analog Input Mode(1) CCP1OUT CCP1OUT Enable Available on PIC16F685/PIC16F690 only. Note 1: ANSEL determines Analog Input mode. 2: Not implemented on PIC16F631. 0 1 1 0 I/O Pin To A/D Converter(2) |