Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAP30 Datasheet(PDF) 3 Page - Power-One

No. de pieza MAP30
Descripción Electrónicos  power supplies combines low cost and universal input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-ONE [Power-One]
Página de inicio  http://www.power-one.com
Logo POWER-ONE - Power-One

MAP30 Datasheet(HTML) 3 Page - Power-One

  MAP30_06 Datasheet HTML 1Page - Power-One MAP30_06 Datasheet HTML 2Page - Power-One MAP30_06 Datasheet HTML 3Page - Power-One MAP30_06 Datasheet HTML 4Page - Power-One MAP30_06 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
REV. SEP 07, 2004 revised to JUN 19, 2006
Page 3 of 5
www.power-one.com
MAP30/40/42 AC-DC Series Data Sheet
Environmental Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating.
10k
ASL Ft.
Non-operating.
40k
ASL Ft.
Operating Temperature
Derate linearly above 50°C by 2.5%
At 100% load:
0
50
°C
per °C to a maximum temperature of 70°C.
At 50% load:
0
70
°C
Storage Temperature
-40
85
°C
Temperature Coefficient
0°C to 70°C (after 15 minute warm-up).
±0.02
±0.03
%/°C
Relative Humidity
Non-condensing.
5
95
%RH
Shock
Operating, peak acceleration.
20
G
Vibration
Random vibration, 10Hz to 2kHz, 3 axis.
6
GRMS
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical components
in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective
divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the date
manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com