| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MF-R015/600-A05-0 Datasheet(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-R015/600-A05-0 Datasheet(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 4 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. How to Order MF - R 015/600 - A 05 - 2 Multifuse® Product Designator Series R = Radial Leaded Component Hold Current, Ihold 015-016 (0.15 - 0.16 Amps) Max. Interrupt Voltage, V Resistance Range Narrow resistance ranges are available on all models as defined in Electrical Characteristics. Resistance Bins Narrow resistance ranges can be separated into packages where each device is within 0.5 ohms of each other. Packaging Options - 0 = Bulk Packaging - 2 = Tape and Reel* *Packaged per EIA486-B Maximum Time to Trip at 23 ˚C 1000 100 10 1 0.10 0.00 Fault Current (Amps) 0.50 1.00 1.50 2.00 2.50 3.00 MF-R016/600 MF-R015/600 MF-R/600, REV. E, 11/04 A B C D E Physical Characteristics Model Max. Max. Max. Min. Nom. Style Lead Dia. Material MF-R015/600 13.5 12.6 6.0 4.7 5.0 1 0.65 Sn/Cu (0.531) (0.496) (0.236) (0.185) (0.197) (0.026) MF-R016/600 16.0 12.6 6.0 4.7 5.0 1 0.65 Sn/Cu (0.629) (0.496) (0.236) (0.185) (0.197) (0.026) Product Dimensions Packaging options: BULK: 500 pcs. per bag. TAPE & REEL: 600 pcs. per reel. Longer lead lengths available upon request. MF-R/600 Series - Telecom PTC Resettable Fuses MM (INCHES) DIMENSIONS = E D B C A Typical Part Marking Represents total content. Layout may vary. R015 24001K MANUFACTURER'S TRADEMARK PART IDENTIFICATION DATE CODE (FIRST DIGIT = LAST DIGIT OF YEAR; SECOND DIGIT = MONTH; NEXT THREE DIGITS = LOT CODE) MFG. LOCATION (K = KOREA S = CHINA) Model Rmin. Rmax. R1Max. Bin MF-R015/600 6.0 12.0 22.0 N/A MF-R015/600-A 7.0 10.0 20.0 0.5 MF-R015/600-B 9.0 12.0 22.0 0.5 MF-R015/600-F 7.0 12.0 22.0 0.5 MF-R016/600 4.0 10.0 18.0 N/A MF-R016/600-A 4.0 7.0 16.0 0.5 MF-R016/600-1 4.0 8.0 17.0 0.5 Resistance Options Additional Features ■ Ability to withstand AC power cross conditions |