| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MSL-204RGBAH Datasheet(PDF) 2 Page - Unity Opto Technology |
|
|
|||||||||||||||||||||||||||||
MSL-204RGBAH Datasheet(HTML) 2 Page - Unity Opto Technology |
|
2 / 3 page ![]() MSL-204RGBAH Optical-Electrical Characteristics Blue @ TA=25 oC Parameter Test Conditions Symbol Min . Typ . Max . Unit . Luminous Intensity IF=20mA IV - 80 - mcd Forward Voltage IF=20mA VF - 3.5 4.2 V Reverse Current IR - - 100 µA Peak/Dominant Wavelength IF=20mA λ d - 470 - nm Spectral Linewidth IF=20mA ∆λ - 26 - nm Viewing Angle IF=20mA 2θ1/2 - 120 - deg. Green @ TA=25 oC Parameter Test Conditions Symbol Min . Typ . Max . Unit . Luminous Intensity IF=20mA IV - 280 - mcd Forward Voltage IF=20mA VF - 3.5 4.2 V Reverse Current IR - - 100 µA Peak/Dominant Wavelength IF=20mA λ d - 525 - nm Spectral Linewidth IF=20mA ∆λ - 35 - nm Viewing Angle IF=20mA 2θ1/2 - 120 - deg. Red @ TA=25 oC Parameter Test Conditions Symbol Min . Typ . Max . Unit . Luminous Intensity IF=20mA IV - 130 - mcd Forward Voltage IF=20mA VF - 2.1 2.6 V Reverse Current IR - - 10 µA Peak/Dominant Wavelength IF=20mA λ d - 625 - nm Spectral Linewidth IF=20mA ∆λ - 20 - nm Viewing Angle IF=20mA 2θ1/2 - 120 - deg. Typical Optical-Electrical Characteristic Curves 10/30/2002 VR=5V VR=5V VR=5V Unity Opto Technology Co., Ltd. 0 0.5 1 400 480 550 630 Wavelength (nm) FIG.1 RELATIVE INTENSITY LUMINOUS VS. WAVELENGTH B G R |