Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD844ACHIPS Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD844ACHIPS
Descripción Electrónicos  60 MHz, 2000 V/μs, Monolithic Op Amp with Quad Low Noise
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD844ACHIPS Datasheet(HTML) 7 Page - Analog Devices

Back Button AD844ACHIPS Datasheet HTML 3Page - Analog Devices AD844ACHIPS Datasheet HTML 4Page - Analog Devices AD844ACHIPS Datasheet HTML 5Page - Analog Devices AD844ACHIPS Datasheet HTML 6Page - Analog Devices AD844ACHIPS Datasheet HTML 7Page - Analog Devices AD844ACHIPS Datasheet HTML 8Page - Analog Devices AD844ACHIPS Datasheet HTML 9Page - Analog Devices AD844ACHIPS Datasheet HTML 10Page - Analog Devices AD844ACHIPS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD844
Rev. G | Page 7 of 20
–50
0
50
100
150
2
1
0
–1
–2
TEMPERATURE (°C)
IBN
IBP
Figure 10. Inverting Input Bias Current (IBN) and Noninverting Input Bias
Current (IBP) vs. Temperature
10k
100k
1M
10M
100M
100
10
1
0.1
0.01
FREQUENCY (Hz)
±5V SUPPLIES
Figure 11. Output Impedance vs. Frequency, Gain = −1, R1 = R2 = 1 kΩ
TEMPERATURE (-°C)
140
–60
–40
–20
0
20
40
60
80
100
120
40
35
30
25
20
15
10
VS = ±5V
VS = ±15V
Figure 12. –3 dB Bandwidth vs. Temperature, Gain = −1, R1 = R2 = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com