| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA9610 Datasheet(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA9610 Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 41 page ![]() 1995 Mar 21 16 Philips Semiconductors Product specification Audio FM processor for VHS hi-fi audio TDA9610H 0100110 −30 dB 0101000 −29 dB 0101010 −28 dB 0101100 −27 dB 0101110 −26 dB 0110000 −25 dB 0110010 −24 dB 0110100 −23 dB 0110110 −22 dB 0111000 −21 dB 0111010 −20 dB 0111100 −19 dB 0111110 −18 dB 1000000 −17 dB 1000010 −16 dB 1000100 −15 dB 1000110 −14 dB 1001000 −13 dB 1001010 −12 dB 1001100 −11 dB 1001110 −10 dB 1010000 −9dB 1010010 −8dB 1010100 −7dB 1010110 −6dB 1011000 −5dB 1011010 −4dB 1011100 −3dB 1011110 −2dB 1100000 −1dB 1100010 0 dB 1100100 1 dB 1100110 2 dB 1101000 3 dB 1101010 4 dB 1101100 5 dB 1101110 6 dB 1110000 7 dB 1110010 8 dB VL5 VL4 VL3 VL2 VL1 VL0 MUTE(2) MODE VR5 VR4 VR3 VR2 VR1 VR0 |